Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRD4299-1 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CRD4299-1
Description  AC 97 AMR Reference Design
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD4299-1 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CRD4299-1 Datasheet HTML 3Page - Cirrus Logic CRD4299-1 Datasheet HTML 4Page - Cirrus Logic CRD4299-1 Datasheet HTML 5Page - Cirrus Logic CRD4299-1 Datasheet HTML 6Page - Cirrus Logic CRD4299-1 Datasheet HTML 7Page - Cirrus Logic CRD4299-1 Datasheet HTML 8Page - Cirrus Logic CRD4299-1 Datasheet HTML 9Page - Cirrus Logic CRD4299-1 Datasheet HTML 10Page - Cirrus Logic CRD4299-1 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CRD4299-1 AMR
DS319RD1A1
7
down to a clean +5 V analog supply. Two packag-
ing options are supported, where U5 is an SO8 sur-
face mount package and U4 is a TO-92 pin-in-hole
package. The -12 V power pin is decoupled
through C73/C74, and supplies power to the head-
phone circuit.
3.4 Figure 14: CS4299 AC ‘97 Audio Codec
For the best audio performance, the analog voltage
regulator, an MC78L05, is located near the
CS4299. A 10 µF electrolytic capacitor should be
added next to pins 25 and 26 if the capacitor con-
nected to the output of the power regulator is locat-
ed far away from the CS4299. All filtering
capacitors of audio signals are NPO-type to ensure
minimal added distortion. Two footprints are pro-
vided for the crystal: a CA-301 pin-in-hole foot-
print, Y1, for miniature crystal; and a short height
HC-49S package, Y2. R47 is a termination resistor
in the serial AC-link between the CS4299 and the
AMR bus.
3.5 Figure 15: Analog Inputs
The inputs for AUX, VIDEO, CD, and LINE are
passed through voltage dividers that reduce the lev-
els by 6 dB to allow connection of line level sourc-
es up to 2 Vrms. The 220 pF capacitors are
provided on Line_In, Mic_In, CD_In, Aux_In,
Video_In, and Internal Modem connection for
EMC suppression. These may be removed if EMC
testing determines they are not required. 1 µF AC-
coupling capacitors are used on the Line_In,
Mic_In, CD_In, Aux_In, Video_In, and Internal
Modem circuit to minimize the low frequency roll-
off. The internal CD audio connection utilizes a
pseudo-differential interface with CD_GND as the
common return path for both the left and right
channels. Therefore, the input impedance of this
block is half of that of the other inputs.
The modem connection is both a mono input and
output. The output is fed from the CS4299’s
MONO_OUT pin through a divider made of
R22/23. The divider ratio is preset to 0 dB for an
output voltage of 1 Vrms. If a lower output voltage
is desired, the resistors can be replaced with appro-
priate values, as long as the total load on the output
is kept greater than 10 k
Ω. The input is not divided
to accommodate line level sources up to 1 Vrms.
3.6 Figure 16: Audio Outputs
The line out is driven directly by the CS4299. The
headphone out amplifier, a Motorola MC1458, is
capable of driving stereo headphones with imped-
ances greater than 32
Ω or powered speakers.
R37/38 are added for short-circuit protection. An
optical S/PDIF (IEC 958 consumer) output is also
supported.
3.7 Figure 17: Microphone Pre-amp and
Bias
A Motorola MC33078D low noise dual op-amp
provides an +18 dB gain stage for the microphone
and buffers the phantom power supply for the mic.
The phantom power is derived from the +5 V ana-
log supply and buffered by U1A to provide a max-
imum of 4.2 V with no load and a minimum of
2.0 V under a 0.8 mA load on the ring. Hardware
rolloffs were implemented at 60 kHz and 15 kHz as
recommended by the PC 99 System Design Guide,
Chapter 17, Audio Components [5].


Similar Part No. - CRD4299-1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4202-1 CIRRUS-CRD4202-1 Datasheet
932Kb / 24P
   AC 97 Six Channel CNR Audio Reference Design
CRD4202-2 CIRRUS-CRD4202-2 Datasheet
870Kb / 24P
   AC 97 Six Channel CNR Audio Reference Design with PLL
CRD4205-1 CIRRUS-CRD4205-1 Datasheet
806Kb / 24P
   Notebook Audio Docking Station Example
CRD4205-2 CIRRUS-CRD4205-2 Datasheet
451Kb / 18P
   PC Audio Docking Station Companion Board
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
More results

Similar Description - CRD4299-1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4202-1 CIRRUS-CRD4202-1 Datasheet
932Kb / 24P
   AC 97 Six Channel CNR Audio Reference Design
CRD4202-2 CIRRUS-CRD4202-2 Datasheet
870Kb / 24P
   AC 97 Six Channel CNR Audio Reference Design with PLL
logo
NXP Semiconductors
UM10466 PHILIPS-UM10466 Datasheet
1Mb / 18P
   UBA2015P reference design 230 V (AC)
Rev. 1.2-14 November 2011
UM10440 PHILIPS-UM10440 Datasheet
1Mb / 25P
   UBA2015AT Reference Design 230 V (AC)
Rev. 1.1-3 February 2012
UM10486 PHILIPS-UM10486 Datasheet
601Kb / 18P
   UBA2015P reference design 120 V (AC)
Rev. 1.1-8 September 2011
UM10513 PHILIPS-UM10513 Datasheet
1Mb / 26P
   UBA2015AT Reference Design 120 V (AC)
Rev. 1.1-31 January 2012
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com