Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRD4412 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CRD4412
Description  2 x 15 W Digital Power Stage Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD4412 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CRD4412 Datasheet HTML 3Page - Cirrus Logic CRD4412 Datasheet HTML 4Page - Cirrus Logic CRD4412 Datasheet HTML 5Page - Cirrus Logic CRD4412 Datasheet HTML 6Page - Cirrus Logic CRD4412 Datasheet HTML 7Page - Cirrus Logic CRD4412 Datasheet HTML 8Page - Cirrus Logic CRD4412 Datasheet HTML 9Page - Cirrus Logic CRD4412 Datasheet HTML 10Page - Cirrus Logic CRD4412 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS749RD1
7
CRD4412
switching outputs in the 30-50 MHz range. The snubbing components should be as close as practical
to the output pins to maximize their effectiveness.
• A separate ground plane with a solid electrical connection to the chassis and which surrounds the
speaker output connector should be implemented. This allows the speaker outputs to be RF decoupled
to the chassis just before they exit the chassis from the speaker connector.
• Make use of source termination resistors on all digital signals whose traces are longer than about
25 mm.
It is extremely critical that the layout of the power amplifier section of the CRD4412 be copied as exactly
as possible to assure best RF/EMI performance.
4. SYSTEM CONNECTIONS AND JUMPERS
Connector
Name
Reference
Designator
Signal
Direction
Connector Function
Speaker
Connector
J5
Output
Analog output from CS4525.
Table 1. System Connections
Connector Name
Reference
Designator
Header Function
CRD4412 I/F
J2
Connection to CRD4525 controller card.
-
J1
Selects between mono and stereo PWM input mode.
-J4
Connects CS4412 thermal warning output to CRD4412 interface header.
Allows direct access to CS4412 TWR and CS4525 DLY_SDIN signals when
CRD4525 is connected.
-J6
Allows direct access to CS4412 ERROC12/34 and CS4525 DLY_SDOUT
signals when CRD4525 is connected.
Table 2. System Headers
Pin
Signal Name
Signal Function
1
SDA
I²C serial data.
2
+3.3 V
Positive VD power.
3
SCL
I²C serial clock.
4
DLY_SDIN/TWR
CS4525 delay port serial audio data input/CS4412 thermal warning output.
5
ERROC1234
CS4412 over-current error outputs.
6
DLY_SDOUT
CS4525 delay port serial audio data output.
7, 9, 11, 13, 15, 16
GND
Ground reference.
8
PWM_SIG1
Left channel logic level PWM input.
10
PWM_SIG2
Right channel/mono logic level PWM input.
12
ERRUVTE
CS4412 under-voltage/temperature error output.
14
RST
CS4412 reset input.
17, 18, 19, 20
+9 V to +18 V
High voltage VP power.
Table 3. CRD4412 Interface Header Signal Assignments


Similar Part No. - CRD4412

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4412 CIRRUS-CRD4412 Datasheet
336Kb / 22P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CRD4412 CIRRUS-CRD4412 Datasheet
1Mb / 91P
   30 W Digital TV Amplifier with Integrated ADC
CRD4412A CIRRUS-CRD4412A Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CRD4412A CIRRUS-CRD4412A Datasheet
433Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
More results

Similar Description - CRD4412

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4525 CIRRUS-CRD4525 Datasheet
1Mb / 23P
   2 x 15 W Digital Amplifier Reference Design
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
   20 W x 2 40 W x 1 PWM Amplifier Reference Design
logo
Texas Instruments
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5102 TI-TAS5102_1 Datasheet
1Mb / 25P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Cirrus Logic
CRD35L01 CIRRUS-CRD35L01 Datasheet
434Kb / 14P
   1 x 1.7 W CS35L01 Amplifier Reference Design Kit
logo
Texas Instruments
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
logo
NXP Semiconductors
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com