Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRD4412 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CRD4412
Description  2 x 15 W Digital Power Stage Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD4412 Datasheet(HTML) 4 Page - Cirrus Logic

  CRD4412 Datasheet HTML 1Page - Cirrus Logic CRD4412 Datasheet HTML 2Page - Cirrus Logic CRD4412 Datasheet HTML 3Page - Cirrus Logic CRD4412 Datasheet HTML 4Page - Cirrus Logic CRD4412 Datasheet HTML 5Page - Cirrus Logic CRD4412 Datasheet HTML 6Page - Cirrus Logic CRD4412 Datasheet HTML 7Page - Cirrus Logic CRD4412 Datasheet HTML 8Page - Cirrus Logic CRD4412 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
DS749RD1
CRD4412
1.5
Speaker Outputs
By default, the CS4412 power outputs are configured for stereo full-bridge operation. The outputs are routed
through a 2nd order low-pass filter to remove high-frequency content from the output signals and then pre-
sented at the speaker wire crimp terminals (J5). The output filters are optimized for 8
Ω speaker loads. The
speaker terminal connections are shown below.
When the CS4412 is configured for mono operation via J1, the outputs must be connected in parallel as
shown below. One wire is used to connect between the red terminals, and another is used to connect be-
tween the black terminals. This parallel connection adjusts the characteristic of the output filters, effectively
optimizing them for 4
Ω speaker loads.
Right -
Left +
Left -
Right +
Figure 1. Stereo Full-Bridge Speaker Terminal Configuration
Mono +
Mono -
Figure 2. Mono Parallel Full-Bridge Speaker Terminal Configuration


Similar Part No. - CRD4412

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4412 CIRRUS-CRD4412 Datasheet
336Kb / 22P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CRD4412 CIRRUS-CRD4412 Datasheet
1Mb / 91P
   30 W Digital TV Amplifier with Integrated ADC
CRD4412A CIRRUS-CRD4412A Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CRD4412A CIRRUS-CRD4412A Datasheet
433Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
More results

Similar Description - CRD4412

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4525 CIRRUS-CRD4525 Datasheet
1Mb / 23P
   2 x 15 W Digital Amplifier Reference Design
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
   20 W x 2 40 W x 1 PWM Amplifier Reference Design
logo
Texas Instruments
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5102 TI-TAS5102_1 Datasheet
1Mb / 25P
[Old version datasheet]   20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Cirrus Logic
CRD35L01 CIRRUS-CRD35L01 Datasheet
434Kb / 14P
   1 x 1.7 W CS35L01 Amplifier Reference Design Kit
logo
Texas Instruments
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
[Old version datasheet]   2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
logo
NXP Semiconductors
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com