Part Name
         Description
CS53L21

 Low Power, Stereo Analog to Digital Converter ( 66 Page)


CIRRUS
100% 
Zoom Out Zoom In
 6 page
background image
6
DS700PP1
CS53L21
1. PIN DESCRIPTIONS - SOFTWARE (HARDWARE) MODE
Pin Name
#
Pin Description
LRCK
1
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
SDA/CDIN
(MCLKDIV2)
2
Serial Control Data (Input/Output) - SDA is a data I/O in I²C Mode. CDIN is the input data line for the
control port interface in SPI Mode.
MCLK Divide by 2 (Input) - Hardware Mode: Divides the MCLK by 2 prior to all internal circuitry.
SCL/CCLK
(I²S/LJ)
3
Serial Control Port Clock (Input) - Serial clock for the serial control port.
Interface Format Selection (Input) - Hardware Mode: Selects between I²S & Left-Justified interface for-
mats for the ADC.
AD0/CS
(TSTN)
4
Address Bit 0 (I²C) / Control Port Chip Select (SPI) (Input) - AD0 is a chip address pin in I²C Mode; CS
is the chip-select signal for SPI format.
Test In (Input) - Hardware Mode: This pin is an input used for test purposes only and should be tied to
DGND for normal operation.
VA_PULLUP
5
Reference Pull-up (Input) - This pin is an input used for test purposes only and must be pulled-up to VA
using a 47 k
Ω resistor.
TSTO
6
Test Out (Output) - This pin is an output used for test purposes only and must be left “floating” (no con-
nection external to the pin).
AGND
7
Analog Ground (Input) - Ground reference for the internal analog section.
TSTO
8
Test Out (Output) - This pin is an output used for test purposes only and must be left “floating” (no con-
nection external to the pin).
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
CS53L21
SDA/CDIN (MCLKDIV2)
SCL/CCLK (I²S/LJ)
AD0/CS (TSTN)
TSTO
AGND
TSTO
AFILTA
AIN1A
AIN1B
AIN2A
AIN2B/BIAS
MICIN1/AIN3A
MICIN2/BIAS/AIN3B
AFILTB
VA_PULLUP
LRCK
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS43L21Low Power Stereo Digital to Analog Converter 1 2 3 4 5 MoreCirrus Logic
AD776624-Bit 10mW 125ksps Analog to Digital Converter in 16 lead TSSOP 1 2 3 4 5 MoreAnalog Devices
CS42L52Low Power Stereo CODEC w/Headphone & Speaker Amps 1 2 3 4 5 MoreCirrus Logic
ADC08B3000High Performance Low Power 8-Bit 3 GSPS A/D Converter with 4K Buffer 1 2 3 4 5 MoreNational Semiconductor
MC74HC4316AQuad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies 1 2 3 4 5 MoreON Semiconductor
ADC082500High Performance Low Power 8-Bit 2.5 GSPS A/D Converter 1 2 3 4 5 MoreNational Semiconductor
TAS5132STEREO DIGITAL AMPLIFIER POWER STAGE 1 2 3 4 5 MoreTexas Instruments
AD923712-Bit 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter 1 2 3 4 5 MoreAnalog Devices
ADCMP608Rail-to-Rail Fast Low Power 2.5 V to 5.5 V Single-Supply TTL/CMOS Comparators 1 2 3 4 5 MoreAnalog Devices
NB2779ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl