Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ2A222KJ Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EETUQ2A222KJ
Description  Aluminum Electrolytic Capacitors/ UQ Snap-in Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ2A222KJ Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button EETUQ2A222KJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ2A222KJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ2A222KJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ2A222KJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ2A222KJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ2A222KJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ2A222KJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ2A222KJ Datasheet HTML 9Page - Panasonic Semiconductor EETUQ2A222KJ Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
 EE171 
Aluminum Electrolytic Capacitors/ UQ
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
820
35
25
2.77
0.15
EETUQ2E821LJ
200
1000
25
45
3.32
0.15
EETUQ2E102JJ
200
30
35
3.32
0.15
EETUQ2E102KJ
100
35
30
3.32
0.15
EETUQ2E102LJ
200
1200
30
40
3.53
0.15
EETUQ2E122KJ
100
35
35
3.53
0.15
EETUQ2E122LJ
100
1500
30
50
4.04
0.15
EETUQ2E152KJ
100
35
40
4.04
0.15
EETUQ2E152LJ
100
1800
35
45
4.55
0.15
EETUQ2E182LJ
100
180
22
25
1.12
0.15
EETUQ2F181HJ
200
220
22
30
1.41
0.15
EETUQ2F221HJ
200
270
22
30
1.60
0.15
EETUQ2F271HJ
200
330
22
40
1.82
0.15
EETUQ2F331HJ
200
25
30
1.82
0.15
EETUQ2F331JJ
200
30
25
1.82
0.15
EETUQ2F331KJ
200
390
22
45
2.01
0.15
EETUQ2F391HJ
200
25
35
2.01
0.15
EETUQ2F391JJ
200
30
30
2.01
0.15
EETUQ2F391KJ
200
470
22
50
2.27
0.15
EETUQ2F471HJ
200
25
40
2.27
0.15
EETUQ2F471JJ
200
30
30
2.27
0.15
EETUQ2F471KJ
200
35
25
2.27
0.15
EETUQ2F471LJ
200
560
25
45
2.56
0.15
EETUQ2F561JJ
200
30
35
2.56
0.15
EETUQ2F561KJ
100
35
30
2.56
0.15
EETUQ2F561LJ
200
680
30
40
2.87
0.15
EETUQ2F681KJ
100
35
35
2.87
0.15
EETUQ2F681LJ
100
820
30
45
3.25
0.15
EETUQ2F821KJ
100
35
40
3.25
0.15
EETUQ2F821LJ
100
1000
30
50
3.63
0.15
EETUQ2F102KJ
100
35
45
3.63
0.15
EETUQ2F102LJ
100
150
22
25
1.12
0.15
EETUQ2V151HJ
200
180
22
30
1.22
0.15
EETUQ2V181HJ
200
220
22
35
1.44
0.15
EETUQ2V221HJ
200
270
22
40
1.66
0.15
EETUQ2V271HJ
200
25
30
1.66
0.15
EETUQ2V271JJ
200
330
22
45
1.88
0.15
EETUQ2V331HJ
200
25
35
1.88
0.15
EETUQ2V331JJ
200
390
22
50
2.06
0.15
EETUQ2V391HJ
200
25
40
2.06
0.15
EETUQ2V391JJ
200
30
30
2.06
0.15
EETUQ2V391KJ
200
35
25
2.06
0.15
EETUQ2V391LJ
200
.
315
350
n
tan
δ
(120Hz)
(+20
°C)
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.Packaging Q'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
250
Part No.
4.0mm
Terminal Length
(Without P.V.C.plate)
PET sleeve


Similar Part No. - EETUQ2A222KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ2A222B PANASONIC-EETUQ2A222B Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2A222C PANASONIC-EETUQ2A222C Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2A222D PANASONIC-EETUQ2A222D Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETUQ2A222KJ

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALC40A822BB025 KEMET-ALC40A822BB025 Datasheet
4Mb / 15P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com