Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBK12T12L1SB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # FBK12T12L1SB
Description  Locked rotor protection circuits Automatically restarts in a few seconds Reverse voltage protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FBK12T12L1SB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  FBK12T12L1SB Datasheet HTML 1Page - Panasonic Semiconductor FBK12T12L1SB Datasheet HTML 2Page - Panasonic Semiconductor FBK12T12L1SB Datasheet HTML 3Page - Panasonic Semiconductor FBK12T12L1SB Datasheet HTML 4Page - Panasonic Semiconductor FBK12T12L1SB Datasheet HTML 5Page - Panasonic Semiconductor FBK12T12L1SB Datasheet HTML 6Page - Panasonic Semiconductor FBK12T12L1SB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rated
Operating
Current
Input
Rated
Max.
Max. Static
Noise
Mass
MODEL
Voltage
Voltage
Power
Speed
Air
Flow
Pressure
(V)
(V)
(A)*1
(W)*1
(min-1)*1
CFM*1 (m3/min)*1 in H2O
(Pa)*1
(dB)*1
(g)
FBA09A 12L
12
7.0 ~ 13.8
110
1.32
2200
42.7
1.21
.10
25.5
27.0
110
FBA09A 12M
12
7.0 ~ 13.8
150
1.80
2450
48.0
1.36
.11
29.4
30.0
110
FBA09A 12H
12
7.0 ~ 13.8
255
2.70
2950
56.8
1.61
.16
42.1
35.0
110
FBA09A 24L
24
14.0 ~ 27.6
80
1.92
2200
42.7
1.21
.10
25.5
27.0
110
FBA09A 24M
24
14.0 ~ 27.6
110
2.64
2450
48.0
1.36
.11
29.4
30.0
110
FBA09A 24H
24
14.0 ~ 27.6
140
3.36
2900
56.8
1.61
.16
42.1
35.0
110
Rotation: Clockwise
Airflow Outlet: Air Out Over Struts
*1: Average Values in Free Air
EMINEBEA.COM
Units:
inch
(mm)
FBA09A (92 X 25.5L)
Failure Rate: 10%
50,000 Hours
(40°C, 65%RH)
Allowable Ambient Temperature Range:
-10°C ~ +70°C (65%RH) (Operating)
-40°C ~ +75°C (65%RH) (Storage)
(non-condensing environment)
Bearing: Hydro Wave Bearing
3.25
(82.5)
3.62
(92)
1.00
(25.5)
- Pin
+ Pin
LR99935
inlet
outlet
NAME
PLATE
Housing with solid corner type are available.
ROTATION
.177
8 – (f4.5)
FLOW
.157
(4)
.157
(4)
60
40
20
3000
2000
1000
0
1
23
12V(24V)-L
12V(24V)-M
12V(24V)-H
Air Flow
(m3/min)
N
(min-1)
(Pa)
Ps
3.25
(82.5)
3.54
(90)
.185
4 – (f4.7)
INLET SIDE
3.25
(82.5)
3.54
(90)
OUTLET SIDE
.185
4 – (f4.7)


Similar Part No. - FBK12T12L1SB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBK04F05H ETC2-FBK04F05H Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F05L ETC2-FBK04F05L Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F12H ETC2-FBK04F12H Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F12L ETC2-FBK04F12L Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
FBK04F12U ETC2-FBK04F12U Datasheet
270Kb / 7P
   Allowable Ambient Temperature Range
More results

Similar Description - FBK12T12L1SB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
logo
Maxim Integrated Produc...
MAX14912EVKIT MAXIM-MAX14912EVKIT Datasheet
5Mb / 24P
   Reverse-Voltage Protection
Rev 0; 3/16
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX14914EVKIT MAXIM-MAX14914EVKIT Datasheet
1Mb / 10P
   Reverse Supply Voltage Protection
Rev 1; 8/20
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
   Reverse-current/voltage Protection
logo
Sangdest Microelectroni...
SK56A SMC-SK56A Datasheet
142Kb / 6P
   Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
   Reverse battery protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com