Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11274-201 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 11274-201
Description  Programmable Line Lock Clock Generator IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

11274-201 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 11274-201 Datasheet HTML 4Page - List of Unclassifed Manufacturers 11274-201 Datasheet HTML 5Page - List of Unclassifed Manufacturers 11274-201 Datasheet HTML 6Page - List of Unclassifed Manufacturers 11274-201 Datasheet HTML 7Page - List of Unclassifed Manufacturers 11274-201 Datasheet HTML 8Page - List of Unclassifed Manufacturers 11274-201 Datasheet HTML 9Page - List of Unclassifed Manufacturers 11274-201 Datasheet HTML 10Page - List of Unclassifed Manufacturers 11274-201 Datasheet HTML 11Page - List of Unclassifed Manufacturers 11274-201 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
FS6131-01
FS6131-01
FS6131-01
FS6131-01
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
Programmable Line Lock Clock Generator IC
4.5.1.2
Out-Of-Range High/Low
The direction the loop has gone out-of-range can be de-
termined by clearing STAT[1] to zero and setting STAT[0]
bit to one. If the CMOS bit is set to one, the LOCK/IPRG
pin will go high if the Crystal Loop went out of range high.
If the pin goes to a logic-low, the loop went out of range
low.
The out-of-range information is also available under soft-
ware control by reading back the STAT[1] bit, which is
overwritten by the flag (high = out-of-range high, low =
out-of-range low) in this mode. The bit is set or cleared
only if the Crystal Loop loses lock (see Table 6).
4.5.1.3
Crystal Loop Disable
The Crystal Loop is disabled by setting the XLPDEN bit
to a logic-high (1). The bit disables the charge pump cir-
cuit in the loop.
Setting the XLPDEN bit low (0) permits the crystal loop to
operate as a control loop.
4.6
Connecting the FS6131 to an
External Reference Frequency
If a crystal oscillator is not used, tie XIN to ground and
shut down the crystal oscillator by setting XLROM[2:0]=1.
The REF and FBK pins do not have pull-up or pull-down
current, but do have a small amount of hysteresis to re-
duce the possibility of extra edges. Signals may be AC-
coupled into these inputs with an external DC-bias circuit
to generate a DC-bias of 2.5V. Any Reference or Feed-
back signal should be square for best results, and the
signals should be rail-to-rail. Unused inputs should be
grounded to avoid unwanted signal injection.
4.7
Differential Output Stage
The differential output stage supports both CMOS and
pseudo-ECL (PECL) signals. The desired output interface
is chosen via the program registers (see Table 4).
If a PECL interface is used, the transmission line is usu-
ally terminated using a Thévenin termination. The output
stage can only sink current in the PECL mode, and the
amount of sink current is set by a programming resistor
on the LOCK/IPRG pin. The ratio of IPRG current to out-
put drive current is shown in Figure 12. Source current is
provided by the pull-up resistor that is part of the
Thévenin termination.
Figure 12: IPRG to CLKP/CLKN Current
0.0
5.0
10.0
15.0
20.0
25.0
0
204060
80
CLKP/CLKN PECL Output Current (mA)


Similar Part No. - 11274-201

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
112740-12 AMPHENOL-112740-12 Datasheet
65Kb / 1P
   BNC END LAUNCH RECEPT, JACK, 75 OHMS
112740-13 AMPHENOL-112740-13 Datasheet
65Kb / 1P
   BNC END LAUNCH RECEPT, JACK, 75 OHMS
112740-14 AMPHENOL-112740-14 Datasheet
65Kb / 1P
   BNC END LAUNCH RECEPT, JACK, 75 OHMS
112740-15 AMPHENOL-112740-15 Datasheet
65Kb / 1P
   BNC END LAUNCH RECEPT, JACK, 75 OHMS
112740-16 AMPHENOL-112740-16 Datasheet
65Kb / 1P
   BNC END LAUNCH RECEPT, JACK, 75 OHMS
More results

Similar Description - 11274-201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FS6131 ONSEMI-FS6131_08 Datasheet
745Kb / 44P
   Programmable Line Lock Clock Generator IC
May 2008 ??Rev. 4
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
   EEPROM Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6370 ONSEMI-FS6370 Datasheet
585Kb / 28P
   EEPROM Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 3
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com