Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACF451832-330-T Datasheet(PDF) 2 Page - TDK Electronics

Part # ACF451832-330-T
Description  3-Terminal Filters for Signal Line and DC Power Line SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACF451832-330-T Datasheet(HTML) 2 Page - TDK Electronics

  ACF451832-330-T Datasheet HTML 1Page - TDK Electronics ACF451832-330-T Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• All specifications are subject to change without notice.
(2/2)
001-01 / 20030823 / e9613_acf.fm
EMC Components
ACF Series ACF321825, 451832 Types
3-Terminal Filters for Signal Line and DC Power Line
SMD
ACF451832 TYPE
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
ATTENUATION vs. FREQUENCY CHARACTERISTICS
MEASURING CIRCUIT
Part No.
Maximum attenuation
frequency
(MHz)
25dB attenuation
frequency range
(MHz)
Rated voltage Edc
(V)max.
Rated current
(mA)max.
DC resistance
(
Ω)max.
[Terminal No.1 to 3]
Insulation resistance
(M
Ω)min.
[Terminal No.1 to 2/No.2 to 3]
ACF451832-333-T
12
7 to 60
50
300
0.15
1000
ACF451832-223-T
15
9 to 65
50
300
0.15
1000
ACF451832-153-T
18
11 to 70
50
300
0.15
1000
ACF451832-103-T
23
15 to 75
50
300
0.15
1000
ACF451832-682-T
35
20 to 85
50
300
0.15
1000
ACF451832-472-T
40
25 to 95
50
300
0.15
1000
ACF451832-332-T
50
35 to 100
50
300
0.15
1000
ACF451832-222-T
60
40 to 110
50
300
0.15
1000
ACF451832-152-T
75
50 to 130
50
300
0.15
1000
ACF451832-102-T
90
65 to 150
50
300
0.15
1000
ACF451832-681-T
105
75 to 160
50
300
0.15
1000
ACF451832-471-T
125
95 to 180
50
300
0.15
1000
ACF451832-331-T
150
115 to 205
50
300
0.15
1000
ACF451832-221-T
190
150 to 250
50
300
0.15
1000
ACF451832-151-T
230
190 to 290
50
300
0.15
1000
ACF451832-101-T
280
235 to 335
50
300
0.15
1000
ACF451832-680-T
340
295 to 395
50
300
0.15
1000
ACF451832-470-T
410
360 to 460
50
300
0.15
1000
ACF451832-330-T
500
450 to 550
50
300
0.15
1000
ACF451832-220-T
600
550 to 650
50
300
0.15
1000
4.5
±0.4
Insulation
resin
Terminal
electrode
1
0.35
13
2
GND terminal
Ferrite
No polarity
3
1
2
GND
Dimensions in mm
1.75
3.5
1.75
1
Resist
Land pattern
Dimensions in mm
60
40
50
30
20
10
0
1000
100
300
10
30
13
Frequency(MHz)
223
333
153 103 68247233
2
222
ACF Series
L.M.
S.G.
50


Similar Part No. - ACF451832-330-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACF451832-330-TD01 ETC2-ACF451832-330-TD01 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
ACF451832-330-TLD01 ETC2-ACF451832-330-TLD01 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
More results

Similar Description - ACF451832-330-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACF321825 ETC-ACF321825 Datasheet
234Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
logo
TDK Electronics
ZJSR TDK-ZJSR Datasheet
110Kb / 4P
   3-TERMINAL FILTERS FOR SIGNAL LINE AND DC POWER LINE LEAD(ROUND)
MEM2012T50R0 TDK-MEM2012T50R0 Datasheet
42Kb / 2P
   3-terminal Filters(SMD) For Signal Line
MEM2012T-S1 TDK-MEM2012T-S1 Datasheet
39Kb / 2P
   3-terminal Filters(SMD) For Signal Line
ACF321825-101-TD01 TDK-ACF321825-101-TD01 Datasheet
82Kb / 4P
   3-terminal Filters(SMD) For Signal Line
ZJK TDK-ZJK Datasheet
64Kb / 2P
   3-terminal Filters(SIP) For Signal Line / Power Line
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
ACH32C TDK-ACH32C Datasheet
44Kb / 2P
   3-terminal Filters(SMD) For Power Line
MEA1608PE TDK-MEA1608PE Datasheet
164Kb / 4P
   3-terminal filters, SMD array Signal line
MEA1608L TDK-MEA1608L Datasheet
161Kb / 4P
   3-terminal filters, SMD array Signal line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com