Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7130-5.0TB5T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GM7130-5.0TB5T
Description  3A STEP-DOWN VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GM7130-5.0TB5T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GM7130-5.0TB5T Datasheet HTML 3Page - List of Unclassifed Manufacturers GM7130-5.0TB5T Datasheet HTML 4Page - List of Unclassifed Manufacturers GM7130-5.0TB5T Datasheet HTML 5Page - List of Unclassifed Manufacturers GM7130-5.0TB5T Datasheet HTML 6Page - List of Unclassifed Manufacturers GM7130-5.0TB5T Datasheet HTML 7Page - List of Unclassifed Manufacturers GM7130-5.0TB5T Datasheet HTML 8Page - List of Unclassifed Manufacturers GM7130-5.0TB5T Datasheet HTML 9Page - List of Unclassifed Manufacturers GM7130-5.0TB5T Datasheet HTML 10Page - List of Unclassifed Manufacturers GM7130-5.0TB5T Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TEST CIRCUIT AND LAYOUT GUIDELINES
Careful layout is important with any switching regulator. Rapidly switching currents associated with wiring
inductance generate voltage transients which can cause problems. To minimize inductance and ground loops,
the lengths of the leads indicated by heavy lines in Figure 1 below should be kept as short as possible. Single-
point grounding (as indicated in Figure 1) or ground plane construction should be used for best results. When
using the Adjustable version, place the programming resistors as close as possible to the GM7130, to keep the
sensitive feedback wiring short.
Figure 1(a). Fixed Output Voltage Versions
V
IN
Unregulated
DC Input
+V
IN
1
+
C
IN
GND 3
5
2
Output
4
Feedback
L1
D1
C
OUT
V
OUT
GM 7130-
FIXED OUTPUT
+
ON/OFF
L
O
A
D
C
- 100 µF, 75V, Aluminum Electrolytic
IN
C
- 680 µF, 25V, Aluminum Electrolytic
OUT
D1 - Schottky, MBR360
L1 - 100 µH, 3L Electronic Corp. TC-101M-3.0A-6826
R1 - 2k, 0.1%
R2 - 6.12k, 0.1%
100 µH
680 µF
100 µF
GM7130
7
GM7130-ADJ
7V - 40V
Unregulated
DC Input
+V
IN
1
C
IN
GND 3
5
2
4
D1
L1
R2
R1
Output
Feedback
V
=5.0V
OUT
C
OUT
+
+
L
O
A
D
Figure 1(b). Adjustable Output Voltage Versions
V
= V
( 1 +
)
OUT
REF
R2 = R1 (
-1)
where V
= 1.23V, R1 between 1k and 5k.
REF
R2
R1
V
OUT
V
REF
680 µF
100 µF
100 µH
ON/ OFF
MBR360


Similar Part No. - GM7130-5.0TB5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130-5.0TB5T GAMMA-GM7130-5.0TB5T Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7130-5.0TB5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com