Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7130-3.3TA5R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GM7130-3.3TA5R
Description  3A STEP-DOWN VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GM7130-3.3TA5R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GM7130-3.3TA5R Datasheet HTML 1Page - List of Unclassifed Manufacturers GM7130-3.3TA5R Datasheet HTML 2Page - List of Unclassifed Manufacturers GM7130-3.3TA5R Datasheet HTML 3Page - List of Unclassifed Manufacturers GM7130-3.3TA5R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM7130-3.3TA5R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM7130-3.3TA5R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM7130-3.3TA5R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM7130-3.3TA5R Datasheet HTML 8Page - List of Unclassifed Manufacturers GM7130-3.3TA5R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Oscillator Frequency
Saturation Voltage
Max Duty Cycle (ON)
Output Leakage Current
Quiescent Current
Standby Quiescent Current
Thermal Resistance
Feedback Bias Current
Current Limit
Logic Input Level
ON/OFF Pin
ON/OFF Pin Input Current
V
= 5V (Adjustable Version Only)
OUT
(Note 11)
I
= 3A (Notes 4)
OUT
(Note 5)
(Note 4, 11)
(Notes 6, 7)
Output = -1 V
Output = -1V
(Note 6)
ON/OFF Pin = 5V (OFF)
V
=0V
OUT
V
= Nominal Output Voltage
OUT
Ib
fo
VSAT
DC
IL
I
Q
ISTBY
V
IH
V
IL
I
IH
I
IL
-
47 / 42
-
-
-
-
-
-
-
-
-
-
-
50
52
1.4
98
5.8
-
7.5
5
50
1.4
1.2
12
0
65
45
2
50
-
-
--
-
100 / 500
58 / 63
1.8 / 2.0
-
2
30
10
200
30
10
kHz
V
%
A
mA
mA
µA
°C/W
V
V
µA
µA
nA
93
ICL
4.2 / 3.5
6.9 / 7.5
ON/OFF Pin = 5V (OFF)
ON/OFF Pin = 0V (ON)
2.2 / 2.4
-
-
1.0 / 0.8
qJA
qJA
qJC
qJA
Conditions
Symbol
Min
Typ
Max
Unit
V = 12V, I
= 0.5A, V
= 5V
IN
LOAD
OUT
V = 12V, I
= 3A,
=5V
IN
LOAD
V
OUT
V
OUT
V
OUT
h
1.217
1.193/1.180
-
1.230
1.230
77
1.243
1.267/1.280
-
V
%
V
Parameter
Feedback Voltage
Feedback Voltage - GM7130
Efficiency
ELECTRICAL CHARACTERISTICS: GM7130-ADJ
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
8V V
40V, 0.5A I
3.0A
IN
LOAD
V
= 5V
OUT
ELECTRICAL CHARACTERISTICS: All Output Voltage Versions
(Specifications with standard type face are for T = 25 C, and those with boldface type apply over full Operating Temperature Range. Unless otherwise
J
specified, V = 12V for the 3.3V, 5.0V and ADJ version, V = 25V for 12V version. and V = 30V for 15V version. I
= 500 mA)
IN
IN
IN
LOAD
GM7130
5
TO-220 Package, Junction to Ambient (Note 8)
TO-220 Package, Junction to Ambient (Note 9)
TO-220,TO-263 Package, Junction to Case
TO-263 Package, Junction to Ambient (Note 10)


Similar Part No. - GM7130-3.3TA5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130-3.3TA5R GAMMA-GM7130-3.3TA5R Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7130-3.3TA5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com