Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 7 Page - Motorola, Inc

Part # LM2576
Description  Easy Switcher 3.0A Step-Down Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2576 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button LM2576 Datasheet HTML 3Page - Motorola, Inc LM2576 Datasheet HTML 4Page - Motorola, Inc LM2576 Datasheet HTML 5Page - Motorola, Inc LM2576 Datasheet HTML 6Page - Motorola, Inc LM2576 Datasheet HTML 7Page - Motorola, Inc LM2576 Datasheet HTML 8Page - Motorola, Inc LM2576 Datasheet HTML 9Page - Motorola, Inc LM2576 Datasheet HTML 10Page - Motorola, Inc LM2576 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM2576
7
MOTOROLA ANALOG IC DEVICE DATA
2.0 A
0
0
A
B
C
100
µs/DIV
5
µs/DIV
Figure 13. Switching Waveforms
Figure 14. Load Transient Response
Vout = 15 V
A: Output Pin Voltage, 10 V/DIV
B: Inductor Current, 2.0 A/DIV
C: Inductor Current, 2.0 A/DIV, AC–Coupled
D: Output Ripple Voltage, 50mV/dDIV, AC–Coupled
Horizontal Time Base: 5
µs/DIV
50 V
0
4.0 A
2.0 A
100 mV
Output
Voltage
Change
0
3.0 A
2.0 A
1.0 A
0
4.0 A
– 100 mV
Load
Current
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 15)
D


Similar Part No. - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Texas Instruments
LM2576 TI1-LM2576 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

Similar Description - LM2576

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2576 FCI-LM2576 Datasheet
1,004Kb / 13P
   SMIPLE SWITCHER 3.0A Step-Down Voltage Regulator
logo
Texas Instruments
LMR10530 TI-LMR10530_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 3.0A Step-Down Voltage Regulator in WSON-10
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com