Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1054CJ8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1054CJ8
Description  Switched-Capacitor Voltage Converter with Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1054CJ8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1054CJ8 Datasheet HTML 4Page - Linear Technology LT1054CJ8 Datasheet HTML 5Page - Linear Technology LT1054CJ8 Datasheet HTML 6Page - Linear Technology LT1054CJ8 Datasheet HTML 7Page - Linear Technology LT1054CJ8 Datasheet HTML 8Page - Linear Technology LT1054CJ8 Datasheet HTML 9Page - Linear Technology LT1054CJ8 Datasheet HTML 10Page - Linear Technology LT1054CJ8 Datasheet HTML 11Page - Linear Technology LT1054CJ8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1054/LT1054L
1054lfe
APPLICATIONS INFORMATION
voltage. For the basic configuration,
|VOUT| referred to the
ground pin of the LT1054 must be less than the total of the
supply voltage minus the voltage loss due to the switches.
The voltage loss versus output current due to the switches
can be found in Typical Performance Characteristics. Other
configurations such as the negative doubler can provide
higher output voltages at reduced output currents (see
Typical Applications).
Capacitor Selection
For unregulated circuits the nominal values of CIN and COUT
should be equal. For regulated circuits see the section on
Regulation. While the exact values of CIN and COUT are
noncritical, good quality, low ESR capacitors such as solid
tantalum are necessary to minimize voltage losses at high
currents. For CIN the effect of the ESR of the capacitor will
be multiplied by four due to the fact that switch currents are
approximately two times higher than output current and
losses will occur on both the charge and discharge cycle.
This means that using a capacitor with 1
Ω of ESR for CIN
will have the same effect as increasing the output imped-
ance of the LT1054 by 4
Ω. This represents a significant
increase in the voltage losses. For COUT the affect of ESR is
less dramatic. COUT is alternately charged and discharged
at a current approximately equal to the output current and
the ESR of the capacitor will cause a step function to occur
in the output ripple at the switch transitions. This step
function will degrade the output regulation for changes in
output load current and should be avoided. Realizing that
large value tantalum capacitors can be expensive, a tech-
nique that can be used is to parallel a smaller tantalum
capacitor with a large aluminum electrolytic capacitor to
gain both low ESR and reasonable cost. Where physical
size is a concern some of the newer chip type surface
mount tantalum capacitors can be used. These capacitors
are normally rated at working voltages in the 10V to 20V
range and exhibit very low ESR (in the range of 0.1
Ω).
Output Ripple
The peak-to-peak output ripple is determined by the value
of the output capacitor and the output current. Peak-to-
peak output ripple may be approximated by the formula:
dV =
IOUT
2fCOUT
R4
RESTART SHUTDOWN
C1
R2
CIN
10
µF
TANTALUM
COUT
100
µF
TANTALUM
VOUT
LT1054 • F05
VIN
R1
2.2
µF
R3
R2
R1
=
+ 1
WHERE VREF = 2.5V NOMINAL
*CHOOSE THE CLOSEST 1% VALUE
FOR EXAMPLE: TO GET VOUT = –5V REFERRED TO THE GROUND
PIN OF THE LT1054, CHOOSE R1 = 20k, THEN
|VOUT|
)
)
VREF
2
– 40mV
R2 = 20k
= 102.6k*
+ 1
|–5V|
)
)
2.5V
2
– 40mV
)
) +1
|VOUT|
1.21V
LT1054
FB/SHDN
CAP+
GND
CAP
V+
OSC
VREF
VOUT
+
Figure 5
20k or greater because the reference output current is
limited to
≈100µA.R2shouldbechosentobeintherange
of 100k to 300k. For optimum results the ratio of CIN/COUT
is recommended to be 1/10. C1, required for good load
regulation at light load currents, should be 0.002
µF for all
output voltages.
A new die layout was required to fit into the physical
dimensions of the S8 package. Although the new die of the
LT1054CS8 will meet all the specifications of the existing
LT1054 data sheet, subtle differences in the layout of the
new die require consideration in some application cir-
cuits. In regulating mode circuits using the 1054CS8 the
nominal values of the capacitors, CIN and COUT, must be
approximately equal for proper operation at elevated
junction temperatures. This is different from the earlier
part. Mismatches within normal production tolerances
for the capacitors are acceptable. Making the nominal
capacitor values equal will ensure proper operation at
elevated junction temperatures at the cost of a small
degradation in the transient response of regulator cir-
cuits. For unregulated circuits the values of CIN and COUT
are normally equal for all packages. For S8 applications
assistance in unusual applications circuits, please consult
the factory.
It can be seen from the circuit block diagram that the
maximum regulated output voltage is limited by the supply


Similar Part No. - LT1054CJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054CJ8 LINER-LT1054CJ8 Datasheet
334Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054CJ8 LINER-LT1054CJ8 Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054CJ8-PBF LINER-LT1054CJ8-PBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054CJ8-TRPBF LINER-LT1054CJ8-TRPBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
More results

Similar Description - LT1054CJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054 Datasheet
334Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK75018 TOKO-TK75018 Datasheet
91Kb / 8P
   SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Linear Technology
LT1054IS8PBF LINER-LT1054IS8PBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_10 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com