Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1176 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1176
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1176 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1176 Datasheet HTML 5Page - Semtech Corporation SC1176 Datasheet HTML 6Page - Semtech Corporation SC1176 Datasheet HTML 7Page - Semtech Corporation SC1176 Datasheet HTML 8Page - Semtech Corporation SC1176 Datasheet HTML 9Page - Semtech Corporation SC1176 Datasheet HTML 10Page - Semtech Corporation SC1176 Datasheet HTML 11Page - Semtech Corporation SC1176 Datasheet HTML 12Page - Semtech Corporation SC1176 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1176/SC1176A
Typical Characteristics - 2 Channels with Current Sharing (Cont.)
Figure 4:
Figure 4:
Figure 4:
Figure 4:
Figure 4: V
OUT vs IIN(5V) and IIN(12V) with VCC removed and 12A load. Soft start capacitor = 10nF.
Ch1: V
OUT
Ch2: I
IN(5V) (2A/Div)
Ch4: I
IN(12V) (2A/Div)
I
OUT: 12 Amps
Figure 3:
Figure 3:
Figure 3:
Figure 3:
Figure 3: V
OUT vs IIN(5V) and IIN(12V) with VCC applied and 12A load. Soft start capacitor = 10nF.
Ch1: V
OUT
Ch2: I
IN(5V) (2A/Div)
Ch4: I
IN(12V) (2A/Div)
I
OUT: 12 Amps


Similar Part No. - SC1176

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1176-2EVB-2 SEMTECH-SC1176-2EVB-2 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176ASWTR SEMTECH-SC1176ASWTR Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176ASWTRT SEMTECH-SC1176ASWTRT Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176ATSTR SEMTECH-SC1176ATSTR Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176CSWTR SEMTECH-SC1176CSWTR Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results

Similar Description - SC1176

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Semtech Corporation
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com