Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV8192M-V Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTV8192M-V
Description  High Density Mounting Type Photocoupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV8192M-V Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTV8192M-V Datasheet HTML 1Page - Lite-On Technology Corporation LTV8192M-V Datasheet HTML 2Page - Lite-On Technology Corporation LTV8192M-V Datasheet HTML 3Page - Lite-On Technology Corporation LTV8192M-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV8192M-V Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
12-115
Package Dimensions
High Density Mounting
Type Photocoupler
LTV-819 Series
Features
Current transfer ratio
(CTR : MIN. 50% at IF=5mA, VCE=5V)
High input-output isolation voltage:
(VISO : 5,000Vrms)
Compact dual-in-line package
LTV-819-1 : 1-channel type
LTV-819-2 : 1-channel type
LTV-829 : 2-channel type
LTV-849 : 4-channel type
UL approved (No. E113898)
TUV approved (No. R9653630)
CSA approved (No. CA91533-1)
FIMKO approved (No. 193422)
NEMKO approved (No. P96103013)
DEMKO approved (No. 303986)
SEMKO approved (No. 9646047/01-30)
VDE approved (No. 094722)
Options available :
-Leads with 0.4"(10.16mm)spacing (M Type)
-Leads bends for surface mounting(S Type)
-Tape and Reel of Type I for SMD(Add"-TA"Suffix)
-Tape and Reel of Type II for SMD(Add"-TA1"Suffix)
-VDE 0884 approvals (Add"-V"Suffix)
Applications
1. Telephone exchanges.
2. Computer terminals.
3. System appliances, measuring instruments.
4. Signal transmission between circuits of different
potentials and impedances.


Similar Part No. - LTV8192M-V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV8192M-V TENAND-LTV8192M-V Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
More results

Similar Description - LTV8192M-V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC829 SHARP-PC829 Datasheet
79Kb / 4P
   High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC818 SHARP-PC818 Datasheet
66Kb / 4P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
   HIgh Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com