Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77321 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY77321
Description  PA Module for Tri-Band EGSM / GPRS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77321 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY77321 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77321 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET • SKY77321
PA MODULE FOR TRI-BAND EGSM / GPRS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
September 9, 2005 • Skyworks Proprietary and Confidential information. • Products and product information are subject to change without notice. • 103030B
Electrical Specifications
The following tables list the electrical characteristics of the
SKY77321 Power Amplifier Module. Table 1 lists the absolute
maximum ratings and Table 2 lists the recommended operating
conditions. Table 3 shows the electrical characteristics of the
SKY77321 for EGSM, DCS, and PCS bands. A typical SKY77321
application diagram appears in Figure 2.
The SKY77321 is a static-sensitive electronic device and should
not be stored or operated near strong electrostatic fields. Detailed
ESD precautions along with information on device dimensions, pin
descriptions, packaging and handling can be found in later
sections of this data sheet.
Table 1. Absolute Maximum Ratings
Parameter
Minimum
Maximum
Unit
Input Power (PIN)
15
dBm
Supply Voltage (VCC), Standby, VAPC
≤ 0.3 V
7
V
Control Voltage (VAPC)
–0.5
VCCMAX – 0.2
(See Table 3)
V
Storage Temperature
–55
+150
°C
Table 2. Recommended Operating Conditions
Parameter
Minimum
Typical
Maximum
Unit
Supply Voltage (VCC)
2.9
3.5
4.8 (1)
V
Supply Current (ICC)
0
2.5 (1)
A
Operating Case Temperature (TCASE)
1-Slot (12.5% duty cycle)
2-Slot (25% duty cycle)
3-Slot (37.5% duty cycle)
4-Slot (50% duty cycle)
–20
–20
–20
–20
+100
+90
+85
+80
°C
(1)
For charging conditions with VCC > 4.8 V, derate ICC linearly down to 0.5 A max at VCC = 5.5 V.


Similar Part No. - SKY77321

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
   PA Module for Tri-Band EGSM / GPRS
More results

Similar Description - SKY77321

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
   PA Module for Tri-Band EGSM / GPRS
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
   CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
   iPAC??PA Module for Quad-Band GSM / GPRS
logo
ANADIGICS, Inc
AWT6107 ANADIGICS-AWT6107 Datasheet
233Kb / 8P
   EGSM/DCS Dual Band 3.5V GPRS Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7891 HP-ACPM-7891 Datasheet
218Kb / 23P
   Agilent ACPM-7891 Tri-Band Power Amplifier Module EGSM, DCS and PCS Multi-slot GPRS
logo
Skyworks Solutions Inc.
CX77304-15 SKYWORKS-CX77304-15 Datasheet
611Kb / 20P
   PA Module for Dual-band GSM850 PCS1900 / GPRS Applications
CX77301 SKYWORKS-CX77301 Datasheet
522Kb / 14P
   PA Module Dual-band EGSM900 DCS1800 / GPRS
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
   Quad-Band GSM/GPRS PA Module with Integrated Power Control
MMM5063 FREESCALE-MMM5063 Datasheet
578Kb / 20P
   Tri-Band GSM GPRS 3.5 V Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com