Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMHF2805S Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # SMHF2805S
Description  DC/DC CONVERTERS 28 VOLT INPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2805S Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button SMHF2805S Datasheet HTML 4Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 5Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 6Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 7Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 8Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 9Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 10Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 11Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 12Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
42
DC/DC CONVERTERS
SMHF SERIES
SINGLE AND DUAL
15 WATT
Definitions
Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534
SEM: Scanning Electron Microscopy
SLAM™: Scanning Laser Acoustic Microscopy
C-SAM: C - Mode Scanning Acoustic Microscopy
Notes
M/S Active components (Microcircuit and Semiconductor Die)
P
Passive components
TABLE 1: ELEMENT EVALUATION
ELEMENT EVALUATION
SPACE
PROTOTYPE
CLASS
CLASS
TEST PERFORMED
(O)
H
K
(COMPONENT LEVEL)
M/S
P
M/S
P
M/S
P
Element Electrical
yes
no
yes
yes
yes
yes
Element Visual
no
no
yes
yes
yes
yes
Internal Visual
no
no
yes
no
yes
no
Temperature Cycling
no
no
no
no
yes
yes
Constant Acceleration
no
no
no
no
yes
yes
Interim Electrical
no
no
no
no
yes
no
Burn-in
no
no
no
no
yes
no
Post Burn-in Electrical
no
no
no
no
yes
no
Steady State Life
no
no
no
no
yes
no
Voltage Conditioning /Aging
no
no
no
no
no
yes
Visual Inspection
no
no
no
no
no
yes
Final Electrical
no
no
yes
yes
yes
yes
Wire Bond Evaluation
no
no
yes
yes
yes
yes
SEM
no
no
no
no
yes
no
SLAM™/C-SAM:
Input capacitors only
no
no
no
yes
no
yes
(Add’l test, not req. by H or K)


Similar Part No. - SMHF2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMHF2805S INTERPOINT-SMHF2805S Datasheet
591Kb / 15P
   Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
SMHF2805S/KR INTERPOINT-SMHF2805S/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
logo
List of Unclassifed Man...
SMHF2805SF ETC-SMHF2805SF Datasheet
209Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMHF2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com