Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30117 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # ZL30117
Description  SONET/SDH OC-48/OC-192 Line Card Synchronizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30117 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button ZL30117 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30117 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30117 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30117 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30117 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30117 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30117 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30117 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL30117 Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ZL30117
Data Sheet
8
Zarlink Semiconductor Inc.
Status
E1
dpll_lock
O
Lock Indicator (LVCMOS). This is the lock indicator pin for the DPLL. This
output goes high when the DPLL’s output is frequency and phase locked to the
input reference.
H1
dpll_holdover
O
Holdover Indicator (LVCMOS). This pin goes high when the DPLL enters the
holdover mode.
Serial Interface
C1
sck
I
Clock for Serial Interface (LVCMOS). Serial interface clock.
D2
si
I
Serial Interface Input (LVCMOS). Serial interface data input pin.
D1
so
O
Serial Interface Output (LVCMOS). Serial interface data output pin.
C2
cs_b
Iu
Chip Select for Serial Interface (LVCMOS). Serial interface chip select. This
pin is internally pulled up to Vdd.
E2
int_b
O
Interrupt Pin (LVCMOS). Indicates a change of device status prompting the
processor to read the enabled interrupt service registers (ISR). This pin is an
open drain, active low and requires an external pulled up to VDD.
APLL Loop Filter
A5
sdh_filter
A
External Analog PLL Loop Filter terminal.
B5
filter_ref0
A
Analog PLL External Loop Filter Reference.
C5
filter_ref1
A
Analog PLL External Loop Filter Reference.
JTAG and Test
G4
tdo
O
Test Serial Data Out (Output). JTAG serial data is output on this pin on the
falling edge of tck. This pin is held in high impedance state when JTAG scan is
not enabled.
G2
tdi
Iu
Test Serial Data In (Input). JTAG serial test instructions and data are shifted in
on this pin. This pin is internally pulled up to Vdd. If this pin is not used then it
should be left unconnected.
G3
trst_b
Iu
Test Reset (LVCMOS). Asynchronously initializes the JTAG TAP controller by
putting it in the Test-Logic-Reset state. This pin should be pulsed low on power-
up to ensure that the device is in the normal functional state. This pin is internally
pulled up to Vdd. If this pin is not used then it should be connected to GND.
H3
tck
I
Test Clock (LVCMOS): Provides the clock to the JTAG test logic. If this pin is not
used then it should be pulled down to GND.
F2
tms
Iu
Test Mode Select (LVCMOS). JTAG signal that controls the state transitions of
the TAP controller. This pin is internally pulled up to VDD. If this pin is not used
then it should be left unconnected.
Master Clock
H4
osci
I
Oscillator Master Clock Input (LVCMOS). This input accepts a 20 MHz
reference from a clock oscillator (XO, XTAL). The stability and accuracy of the
clock at this input determines the free-run accuracy and the long term holdover
stability of the output clocks.
Pin #
Name
I/O
Type
Description


Similar Part No. - ZL30117

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30110 ZARLINK-ZL30110 Datasheet
292Kb / 21P
   Telecom Rate Conversion DPLL
ZL30110LDE ZARLINK-ZL30110LDE Datasheet
292Kb / 21P
   Telecom Rate Conversion DPLL
ZL30110LDE1 ZARLINK-ZL30110LDE1 Datasheet
292Kb / 21P
   Telecom Rate Conversion DPLL
ZL30111 ZARLINK-ZL30111 Datasheet
211Kb / 20P
   POTS Line Card PLL
ZL30111QDG ZARLINK-ZL30111QDG Datasheet
211Kb / 20P
   POTS Line Card PLL
More results

Similar Description - ZL30117

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
   SONET/SDH OC-48/OC-192 System Synchronizer
ZL30131 ZARLINK-ZL30131 Datasheet
232Kb / 11P
   OC-192/STM-64 SONET/SDH/10GbE Network Interface Synchronizer
logo
Applied Micro Circuits ...
CS3394 AMCC-CS3394 Datasheet
62Kb / 2P
   SONET/SDH/FEC OC-192 Receiver with EDC Technology
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
List of Unclassifed Man...
SI5600 ETC1-SI5600 Datasheet
378Kb / 28P
   SiPHY-TM OC-192/STM-64 SONET/SDH TRANSCEIVER
logo
Applied Micro Circuits ...
S19235 AMCC-S19235 Datasheet
86Kb / 2P
   OC-192 SONET/SDH/FEC/GbE 16-bit Transceiver
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
   SONET OC-48 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com