Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5335 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5335
Description  Evaluation Board
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5335 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5335 Datasheet HTML 2Page - Cirrus Logic CS5335 Datasheet HTML 3Page - Cirrus Logic CS5335 Datasheet HTML 4Page - Cirrus Logic CS5335 Datasheet HTML 5Page - Cirrus Logic CS5335 Datasheet HTML 6Page - Cirrus Logic CS5335 Datasheet HTML 7Page - Cirrus Logic CS5335 Datasheet HTML 8Page - Cirrus Logic CS5335 Datasheet HTML 9Page - Cirrus Logic CS5335 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CDB5334/35/60
6
DS194DB3
Table 3. Switch Definitions
* Default setting from factory
Table 4. CS8402A Switch Definitions - Consumer Mode
Switch # 0 = closed, 1 = open
Comment
8, 7
MCLK_S1, MCLK_S0 Divides MCLK_5335 to generate MCLK_8402 for the CS8402A trnsmitter
*0 0
0 1
1 0
1 1
Generates a 128x Fs clock when using a 256x Fs oscillator
RESERVED
Generates a 128x Fs clock when using a 384x Fs oscillator
Generates a 128x Fs clock when using a 512x Fs oscillator
6, 5
*0 0
RESERVED
4, 3
DIF1, DIF0
Selects the digital interface format for the CS5334/35/60, and CS8402A
*0 0
0 1
1 0
1 1
Configures the CS5334/35/60 for Format 0, and the CS8402A for Format 1
Configures the CS5334/35/60 for Format 1, and the CS8402A for Format 1
Configures the CS5334/35/60 for Format 2 (I2S), and the CS8402A for Format 4
(I2S)
Places the CS5334/35/60 in power down mode
2, 1
PU_S1, PU_S0
Adjusts the frequency of the Peak Update signal for PSL bits
*0 0
0 1
1 0
1 1
Updates the PSL bits at a frequency of LRCK/211
Updates the PSL bits at a frequency of LRCK/213
Updates the PSL bits at a frequency of LRCK/215
Updates the PSL bits at a frequency of LRCK/217
Switch # 0 = closed, 1 = open
Comment
6
PRO = 0
Consumer Mode (C0 = 0)
8, 5
FC1, FC0
C24, C25, C26, C27 - Sample Frequency
0 0
*0 1
1 0
1 1
0000 - 44.1 kHz
0100 - 48 kHz
1100 - 32 kHz
0000 - 44.1 kHz, CD Mode
7
C3
C3, C4, C5 - Emphasis (1 of 8 bits)
*1
0
000 - None
100 - 50/15 µs
4
C2
C2 - Copy/Copyright
*1
0
0 - Copy Inhibited /Copyright Assered
1 - Copy Permitted/Copyright Not Asserted
3
C15
C15 - Generates Status
*1
0
0 - Definition is based on category code
1 - See CS8402A Data Sheet, App. A
1, 2
C8, C9
C8 - C14 - Category Code (2 of 7 bits)
1 1
1 0
0 1
*0 0
0000000 - General
0100000 - PCM encoder/decoder
1000000 - Compact Disk - CD
1100000 - Digital Audio Tape - DAT


Similar Part No. - CS5335

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5335 CIRRUS-CS5335 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS5335-KS CIRRUS-CS5335-KS Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
More results

Similar Description - CS5335

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com