Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5528 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CDB5528
Description  Evaluation Board and Software
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5528 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CDB5528 Datasheet HTML 4Page - Cirrus Logic CDB5528 Datasheet HTML 5Page - Cirrus Logic CDB5528 Datasheet HTML 6Page - Cirrus Logic CDB5528 Datasheet HTML 7Page - Cirrus Logic CDB5528 Datasheet HTML 8Page - Cirrus Logic CDB5528 Datasheet HTML 9Page - Cirrus Logic CDB5528 Datasheet HTML 10Page - Cirrus Logic CDB5528 Datasheet HTML 11Page - Cirrus Logic CDB5528 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CDB5521/22/23/24/28
8
DS317DB2
1.3 Using the Evaluation Board
The CS5521/22/23/24/28 are highly integrated
ADCs. They contain a multiplexer, an instrumenta-
tion amplifier (IA), a programmable gain amplifier
(PGA), an on-chip charge pump drive (CPD), and
programmable output word rates (OWR). The IA
provides a set gain of 20 while the PGA sets the in-
put levels of the ADC at either 25 mV, 55 mV,
100 mV, 1 V, 2.5 V, or 5 V (for VREF = 2.5 V).
The CPD provides a square wave output. This out-
put, along with two diodes and two capacitors, is
used to supply the negative supply to the IA, en-
abling measurements of ground referenced signals.
The ADC’s digital filter allows the user to select
output word rates (OWR’s) from 1.88 Hz up to
101 Hz. higher output word rates can be attained
when a faster clock source is used. Since the
CS5521/22/23/24/28 have such a high degree of in-
tegration
and
flexibility,
the
CS5521/23
or
CS5522/24/28 data sheet should be read thorough-
ly before and consulted during the use of the
CDB5521/22/23/24/28. Table 1 lists the different
headers on the CDB5521/22/23/24/28 and their
functions. The locations of these headers are
marked on the top of the board, and the silkscreen
and layout of the board can also be found at the end
of this document in Figures 12, 13, and 14 for ref-
erence.
1.4.
Power Connections
Figure 4 illustrates the power supply connections to
the evaluation board. The +5 V Analog supplies the
analog section of the evaluation board, the LT1019
and the ADC. The -5 V Analog supplies the nega-
tive bias voltage circuitry. The +5 V Digital sup-
plies a separate five volts to the digital section of
the evaluation board, the 80C51, the reset circuitry,
and the RS-232 interface circuitry.
1.5 Negative Bias Voltage
The evaluation board provides three means of sup-
plying the Negative Bias Voltage (NBV). HDR4
(Header 4) selects between them. When HRD4 is in
position one, the LM337 supplies NBV with an ad-
justable voltage. R16 is used to adjust this voltage
between -1.25 V and -5 V. When in position two,
HDR4 grounds NBV. And by setting HDR4 to po-
sition three, the converter’s Charge Pump Drive
provides NBV with a dc rectified voltage, nominal-
ly -2.1 V.
Note:
NBV should not exceed a voltage more
negative than -3.0 V.
+5V Analog
-5V Analog
Z3
P6KE6V8P
+
C8
47µF
C13
0.1µF
Z1
P6KE6V8P
+
C5
47µF
C10
0.1µF
+5V Digital
Z2
P6KE6V8P
+
C6
47µF
C12
0.1µF
+5V Analog
-5V Analog
+5V Digital
AGND
DGND
Figure 4. Power Supplies


Similar Part No. - CDB5528

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
   Low Power, 20-Bit A/D Converter
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5511 CIRRUS-CDB5511 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5512 CIRRUS-CDB5512 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5513 CIRRUS-CDB5513 Datasheet
2Mb / 22P
   Evaluation Board and Software
More results

Similar Description - CDB5528

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
   Evaluation Board and Software
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
   Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
   Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
   Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5550 CIRRUS-CDB5550 Datasheet
796Kb / 23P
   Evaluation Board and Software
CDB5532U CIRRUS-CDB5532U Datasheet
818Kb / 22P
   CDB5532U Evaluation Board and Software
logo
Texas Instruments
TMP102EVM TI-TMP102EVM Datasheet
1Mb / 26P
[Old version datasheet]   TMP102EVM Evaluation Board and Software Tutorial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com