Electronic Components Datasheet Search |
|
HA16342FP Datasheet(PDF) 9 Page - Hitachi Semiconductor |
|
HA16342FP Datasheet(HTML) 9 Page - Hitachi Semiconductor |
9 / 21 page HA16341NT/FP, HA16342NT/FP Rev.1, Jan. 2001, page 9 of 21 Electrical Characteristics (cont.) (Ta = 25 °C, V CC = 12V, PG1 = 3V, Vtrig = 0V, VCS(+) = 0V, VCin = 0V, CCT = 330pF, GvOP1 = 26dB, GvOP4 = 40dB, RDB = 1.8k Ω) • PG1 Item Symbol Min Typ Max Unit Test Conditions Note PG1 threshold Hi voltage VthHPG1 2.4 2.5 2.6 V PG1 threshold Lo voltage VthLPG1 1.9 2.0 2.1 V Input impedance RinPG1 (37.5) 50.0 (62.5) k Ω 1 Note: 1. Design spec. • FAIL Item Symbol Min Typ Max Unit Test Conditions Note Leak current IleakFAIL −10 µAVFAIL = 5V Output Lo voltage VOLFAIL 0.5 V Iosink = 10mA • Error amp. Item Symbol Min Typ Max Unit Test Conditions Note Input threshold voltage VthEIN 1.23 1.25 1.27 V VEOUT = 1.25V ±1.6% Input bias current IibEIN −0.2 −2.0 µAVEIN = 2V Open loop gain AvoEA 60 80 dB Band width BWEA (0.7) 1.4 MHz 1 EOUT sink current IosinkEA 0.5 5.0 mA VEIN = 1.5V, EOUT = 1.1V EOUT source current IosourceEA −100 −250 µA VEIN = 1.0V, EOUT = 5V EOUT clamp voltage VOHEA 5.8 6.8 7.8 V VEIN = 1.0V EOUT Lo voltage VOLEA 1.0 V VEIN = 1.5V, Iosink = 200 µA Note: 1. Design spec. • PWM OUT Item Symbol Min Typ Max Unit Test Conditions Note Output Lo voltage VOLPWM 0.2 0.4 V Iosink = 100mA Output Hi voltage VOHPWM VCC−0.4 VCC−0.2 V Iosource = 100mA Rise time trPWM 20 50 100 ns CL = 3300pF Fall time tfPWM 20 50 100 ns CL = 3300pF Maximum duty Dmax 58 65 72 % VSS = 4V, VEIN = 1.0V Minimum duty Dmin 0 % VSS = 4V, VEIN = 1.5V Note: 1. Design spec. |
Similar Part No. - HA16342FP |
|
Similar Description - HA16342FP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |