Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS202ECM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS202ECM
Description  15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS202ECM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMS202ECM Datasheet HTML 1Page - National Semiconductor (TI) LMS202ECM Datasheet HTML 2Page - National Semiconductor (TI) LMS202ECM Datasheet HTML 3Page - National Semiconductor (TI) LMS202ECM Datasheet HTML 4Page - National Semiconductor (TI) LMS202ECM Datasheet HTML 5Page - National Semiconductor (TI) LMS202ECM Datasheet HTML 6Page - National Semiconductor (TI) LMS202ECM Datasheet HTML 7Page - National Semiconductor (TI) LMS202ECM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
S
−0.3V to 6V
V+
(V
S − 0.3V) to + 14V
V−
+0.3V to −14V
Driver Input Voltage, T
IN
−0.3V to (V+ +0.3V)
Receiver Input Voltage, R
IN
± 30V
Driver Output Voltage T
O
(V− −0.3V to (V+ + 0.3V)
Receiver Output Voltage R
O
−0.3 to (V
S + 0.3)
Short Circuit Duration, T
O
Continuous
ESD Rating
IEC 1000-4-2) (Note 7)
(Note 8)
Air-Gap Discharge
15kV
Contact Discharge
8kV
Human Body Model (Note 2)
(Note 8)
15kV
(Note 9)
2kV
ESD Rating (MM)
200V (Note 6) (Note 9)
Soldering Information
Infrared or Convection
235˚C
(20sec.)
Junction Temperature
150˚C
Storage Temperature Range
−65˚C to +150˚C
Operating Ratings
Supply Voltage V
S
4.5V to 5.5V
Ambient Temperature Range, T
A
Commercial (C)
0˚C to +70˚C
Industrial (I)
−40˚C to +85˚C
Package Thermal Resistance
(Note 3)
SO
71˚C/W
WSO
55˚C/W
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified C1 = C2 = C3 = C4 = Cbp = 0.1µF
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
Max
(Note 5)
Units
DC Characteristics
I
S
Supply Current
No Load, T
A = 25˚C
1
7
mA
Logic
I
INPUT
Input Leakage Current
T
IN = 0VtoVS
±10
µA
V
THL
Input Logic Theshold Low
T
IN
0.8
V
V
THH
Input Logic Theshold High
T
IN
2.0
V
V
OL
TTL/CMOS Output Voltage
Low
R
OUT,IOUT = 3.2mA
0.4
V
V
OH
TTL/CMOS Output Voltage
High
R
OUT,IOUT = −1.0mA
3.5
V
S −0.1
V
RS-232 Receiver Inputs
V
RI
Receiver Input Voltage
Range
−30
+30
V
V
RTHL
Receiver Input Theshold
Low
V
S = 5V, TA = 25˚C
0.8
1.4
V
V
RTHH
Receiver Input Theshold
High
V
S = 5V, TA = 25˚C
2
2.4
V
V
HYST
Receiver Input Hysteresis
V
S = 5V
0.2
0.6
1.0
V
R
I
Receiver Input Resistance
V
S = 5V, TA = 25˚C
3
5
7
k
RS-232 Transmitter Outputs
V
O
Transmitter Output Voltage
Swing
All transmitters loaded with 3k
Ω to GND
±5
±8V
R
O
Output Resistance
V
S =V+=V−=0V,
V
O = ± 2V
300
I
OS
Output Short Circuit Current
±11
±60
mA
Timing Characteristics
DR
Maximum Data Rate
C
L = 50pF to 1000pF,
R
L =3k
Ω to 7kΩ
230
kbps
www.national.com
3


Similar Part No. - LMS202ECM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS202ECM/NOPB TI1-LMS202ECM/NOPB Datasheet
780Kb / 14P
[Old version datasheet]   LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
LMS202ECMX/NOPB TI1-LMS202ECMX/NOPB Datasheet
780Kb / 14P
[Old version datasheet]   LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
More results

Similar Description - LMS202ECM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS202E TI1-LMS202E Datasheet
780Kb / 14P
[Old version datasheet]   LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
National Semiconductor ...
LMS202 NSC-LMS202 Datasheet
114Kb / 5P
   5V Single Supply TIA/EIA-232 Dual Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
National Semiconductor ...
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
   Low Power 5V Powered TIA/EIA-232 Dual
logo
Maxim Integrated Produc...
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
logo
National Semiconductor ...
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
   Single Supply TIA/EIA-232 4X4 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com