Selected language     English  ▼


CS61884-IQ Datasheet(PDF) 10 Page - Cirrus Logic

Part No. CS61884-IQ
Description  Octal T1/E1/J1 Line Interface Evaluation Board
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 10 page
background image
CDB61884
10
DS485DB1
following registers do not have the automatic read
back function:
–AWG PhaseAddress
– AWG Phase Data,
– Software Reset registers.
4.1
Starting the Software
There is no installation procedure associated with
the CS61884 software, simply click on the appro-
priate CS61884 software icon (95/98 or NT) on the
CD in the CDB61884 kit.
Note: The software can be used with Windows
® 95®,
98
®,NT® or 2000®.
Figure 11 shows the opening screen that appears
after you have launched the software.
4.2
Software Interface Buttons
The following subsections explain the functions of
buttons that are common to the register configura-
tion screens in the CS61884 software.
4.2.1
Bit Indicator Description
The Register Bit checkbox shown in Figure 12
shows one bit, each register consists of eight bits (0
through 7). The grayed-out bits in some registers
are bits that can not be accessed. Figure 12 shows a
bit with a check mark and without a check mark. A
check represents a “1” and no check mark equals a
“0”.
4.3
Set All Button Description
The Set All button shown in Figure 13 is used to set
all the bits in the corresponding register to 1s. This
button is placed to the left of each register that has
write access.
Figure 11. CDB61884 Software Opening Screen
Figure 12. Register Bit Box
Figure 13. Set All Button




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDB3318Evaluation Board for CS3318 1 2 3 4 5 MoreCirrus Logic
CDB8420Evaluation Board 1 2 3 4 5 MoreCirrus Logic
MC33290ISO K Line Serial Link Interface 1 2 3 4 5 MoreFreescale Semiconductor, Inc
CDB4265Evaluation Board for CS4265 1 2 3 4 5 MoreCirrus Logic
CDB4923Evaluation Board 1 2 3 4 5 MoreCirrus Logic
EPB5038GDiscrete Line Interface Transformer 1 PCA ELECTRONICS INC.
CDB4334Evaluation Board for CS4334/8/9 Family of Products 1 2 3 4 5 MoreCirrus Logic
CDB4954AEvaluation Board 1 2 3 4 5 MoreCirrus Logic
CDB4344Evaluation Board for CS4344 1 2 3 4 5 MoreCirrus Logic

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl