Selected language     English  ā–¼


CS61884-IQ Datasheet(PDF) 11 Page - Cirrus Logic

Part No. CS61884-IQ
Description  Octal T1/E1/J1 Line Interface Evaluation Board
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 11 page
background image
CDB61884
DS485DB1
11
4.3.1
Clear All Button Description
The CLR All Button shown Figure 14 is used to set
all the bits in the corresponding register to 0s. This
button is placed to the left of each register that has
write access.
4.3.2
Write All Button Description
The Write All button shown in Figure 15 writes
every bit of every register on the current register
screen. This button is located in the bottom right
corner of each register screen.
4.3.3
Read All Button Description
The Read All button shown in Figure 16 reads ev-
ery bit of every register on the current register
screen. This button is located in the bottom left cor-
ner of each register screen.
4.4
Write Button Description
The Write button shown in Figure Figure 17 writes
the bits of the corresponding register. This button is
located to the right of every register that allows
write access.
4.5
Read Button Description
The Read button shown in Figure 18 reads the bits
of the corresponding register. This button is located
to the right of every register.
4.6
Program Exit Function
To exit any of the register screens simple press the
X in the top right hand corner of each screen. This
Figure 14. Clear All Button
Figure 15. Write All Button
Figure 16. Read All Button
Figure 17. Write Button
Figure 18. Read Button




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDB3318Evaluation Board for CS3318 1 2 3 4 5 MoreCirrus Logic
CDB8420Evaluation Board 1 2 3 4 5 MoreCirrus Logic
MC33290ISO K Line Serial Link Interface 1 2 3 4 5 MoreFreescale Semiconductor, Inc
CDB4265Evaluation Board for CS4265 1 2 3 4 5 MoreCirrus Logic
CDB4923Evaluation Board 1 2 3 4 5 MoreCirrus Logic
EPB5038GDiscrete Line Interface Transformer 1 PCA ELECTRONICS INC.
CDB4334Evaluation Board for CS4334/8/9 Family of Products 1 2 3 4 5 MoreCirrus Logic
CDB4954AEvaluation Board 1 2 3 4 5 MoreCirrus Logic
CDB4344Evaluation Board for CS4344 1 2 3 4 5 MoreCirrus Logic

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl