Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3308 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS3308
Description  8-Channel Analog Volume Control
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3308 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS3308 Datasheet HTML 7Page - Cirrus Logic CS3308 Datasheet HTML 8Page - Cirrus Logic CS3308 Datasheet HTML 9Page - Cirrus Logic CS3308 Datasheet HTML 10Page - Cirrus Logic CS3308 Datasheet HTML 11Page - Cirrus Logic CS3308 Datasheet HTML 12Page - Cirrus Logic CS3308 Datasheet HTML 13Page - Cirrus Logic CS3308 Datasheet HTML 14Page - Cirrus Logic CS3308 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
DS702F1
11
CS3308
CONTROL PORT SWITCHING CHARACTERISTICS - SPI™ FORMAT
(Inputs: Logic 0 = DGND, Logic 1 = VD, CL =20pF)
8.
Data must be held for sufficient time to bridge the transition time of CCLK.
9.
For fsck <1 MHz.
Parameter
Symbol
Min
Max
Unit
CCLK Clock Frequency
fsck
06.0
MHz
RESET Rising Edge to CS Falling
tsrs
100
-
ns
CS High Time Between Transmissions
tcsh
1.0
-
μs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time
(Note 8)
tdh
15
-
ns
Rise Time of CCLK and CDIN
(Note 9)
tr2
-
100
ns
Fall Time of CCLK and CDIN
(Note 9)
tf2
-
100
ns
t
r2
t
f2
t
dsu
t dh
t sch
t scl
CS
MOSI
t css
t
csh
RESET
t srs
CCLK
Figure 2. Control Port Timing - SPI Format


Similar Part No. - CS3308

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS330 COTO-CS330 Datasheet
335Kb / 2P
   Contact Form: 2a Load Voltage: 400V Maximum
CS330 COTO-CS330 Datasheet
624Kb / 2P
   MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
List of Unclassifed Man...
CS330026 ETC-CS330026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CS330060 ETC-CS330060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CS330075 ETC-CS330075 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS3308

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3318 CIRRUS-CS3318 Datasheet
682Kb / 44P
   8-Channel Analog Volume Control
logo
Princeton Technology Co...
PT2325 PTC-PT2325 Datasheet
188Kb / 4P
   6 Channel Volume Control
PT2325 PTC-PT2325_10 Datasheet
127Kb / 4P
   6 Channel Volume Control
logo
Wolfson Microelectronic...
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
   24-bit, 192kHz 8-Channel Codec with Volume Control
logo
Sanyo Semicon Device
LC75366 SANYO-LC75366 Datasheet
244Kb / 11P
   Two-Channel Electronic Volume Control
logo
Burr-Brown (TI)
PGA4311 BURR-BROWN-PGA4311_07 Datasheet
530Kb / 15P
   4-Channel Audio Volume Control
PGA4311 BURR-BROWN-PGA4311 Datasheet
481Kb / 10P
   4 CHANNEL AUDIO VOLUME CONTROL
logo
New Japan Radio
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
   8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com