Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNG408CBX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNG408CBX
Description  3.0 mm Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNG408CBX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNG408CBX Datasheet HTML 1Page - Panasonic Semiconductor LNG408CBX Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unit: mm
1: Anode
2: Cathode
155
LN48YPP
LN48YCPP
LN48CPP
Unit
Amber
Amber
Amber
Amber Diffused
Amber Clear
Clear
5.0
1.7
20
2.2
2.8
590
30
20
10
4
6.0
3.0
20
2.2
2.8
590
30
20
10
4
10.0
4.0
20
2.2
2.8
590
30
20
10
4
mcd
mcd
mA
V
V
nm
nm
mA
µAV
Round Type
φ 3.0 mm Series
s Absolute Maximum Ratings (T
a = 25°C)
Amber
PD(mW)
90
IF(mA)
30
IFP(mA)
150
VR(V)
4
Topr(°C)
−25 ∼ +85
Tstg(°C)
−30 ∼ +100
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
Lighting Color
Conventional Part No.
Global Prat No.
Lighting Color
LN48YPP ·················· LNG408YBX ············ Amber
LN48YCPP ··············· LNG408NBX ············ Amber
LN48CPP ·················· LNG408CBX ············ Amber
Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
IO Ta
500
300
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
100
50
30
5
3
10
1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20
20
10
30
40
50
40
60
80
100
100
600
500
700
800
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
IO IF
30
50
LN48YPP
LN48YPP
LN48YCPP
LN48YCPP
LN48CPP
LN48CPP
0
0
20406080
100
20
40
60
80
100
Relative Luminous Intensity
0.5
± 0.1
φ 3.8 ± 0.2
φ 3.8 ± 0.2
2
− 0.8 Max
2
− 0.5 ± 0.1
2.54
12
φ 3.8 ± 0.2


Similar Part No. - LNG408CBX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNG401CF4 PANASONIC-LNG401CF4 Datasheet
30Kb / 1P
   5.0 mm InGaAIP
More results

Similar Description - LNG408CBX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN38GPP PANASONIC-LN38GPP Datasheet
49Kb / 2P
   pi 3.0 mm Series
LNG997CKB PANASONIC-LNG997CKB Datasheet
30Kb / 1P
   3.0 mm Blue Series
LNG998CKB PANASONIC-LNG998CKB Datasheet
29Kb / 1P
   3.0 mm Blue Series
LN216RPH PANASONIC-LN216RPH Datasheet
32Kb / 1P
   3.0 mm X 7.0 mm Series
LN28RPP PANASONIC-LN28RPP Datasheet
42Kb / 2P
    Round Type 3.0 mm Series
LNG898CK8 PANASONIC-LNG898CK8 Datasheet
30Kb / 1P
   3.0 mm InGaAIP
LNW497CK4 PANASONIC-LNW497CK4 Datasheet
29Kb / 1P
   3.0 mm InGaAIP
LNW498CK4 PANASONIC-LNW498CK4 Datasheet
29Kb / 1P
   3.0 mm InGaAIP
LNG897CK8 PANASONIC-LNG897CK8 Datasheet
30Kb / 1P
   3.0 mm InGaAIP
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
   3.0 mm 횞 7.0 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com