Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT134W Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BT134W
Description  Triacs logic level
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT134W Datasheet(HTML) 3 Page - NXP Semiconductors

  BT134W Datasheet HTML 1Page - NXP Semiconductors BT134W Datasheet HTML 2Page - NXP Semiconductors BT134W Datasheet HTML 3Page - NXP Semiconductors BT134W Datasheet HTML 4Page - NXP Semiconductors BT134W Datasheet HTML 5Page - NXP Semiconductors BT134W Datasheet HTML 6Page - NXP Semiconductors BT134W Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Triacs
BT134W series
Fig.1. Maximum on-state dissipation, P
tot, versus rms
on-state current, I
T(RMS), where α = conduction angle.
Fig.2. Maximum permissible non-repetitive peak
on-state current I
TSM, versus pulse width tp, for
sinusoidal currents, t
p ≤ 20ms.
Fig.3. Maximum permissible non-repetitive peak
on-state current I
TSM, versus number of cycles, for
sinusoidal currents, f = 50 Hz.
Fig.4. Maximum permissible rms current I
T(RMS) ,
versus solder point temperature T
sp.
Fig.5. Maximum permissible repetitive rms on-state
current I
T(RMS), versus surge duration, for sinusoidal
currents, f = 50 Hz; T
sp ≤ 108˚C.
Fig.6. Normalised gate trigger voltage
V
GT(Tj)/ VGT(25˚C), versus junction temperature Tj.
0
0.2
0.4
0.6
0.8
1
1.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
= 180
120
90
60
30
BT134W
IT(RMS) / A
Ptot / W
Tsp(max) / C
125
122
119
116
113
110
107
104
1
-50
0
50
100
150
0
0.2
0.4
0.6
0.8
1
1.2
BT134W
Tsp / C
IT(RMS) / A
108 C
1
10
100
1000
BT134W
T / s
ITSM / A
10us
100us
1ms
10ms
100ms
T
ITSM
time
I
Tj initial = 25 C max
T
dI /dt limit
T
T2- G+ quadrant
0.01
0.1
1
10
0
0.5
1
1.5
2
BT134W
surge duration / s
IT(RMS) / A
1
10
100
1000
0
2
4
6
8
10
12
BT134W
Number of cycles at 50Hz
ITSM / A
T
ITSM
time
I
Tj initial = 25 C max
T
-50
0
50
100
150
0.4
0.6
0.8
1
1.2
1.4
1.6
BT136
Tj / C
VGT(Tj)
VGT(25 C)
September 1997
3
Rev 1.200


Similar Part No. - BT134W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT134W PHILIPS-BT134W Datasheet
57Kb / 7P
   Triacs
September 1997 Rev 1.200
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
Guangdong Kexin Industr...
BT134W KEXIN-BT134W Datasheet
76Kb / 4P
   Triacs
logo
DONGGUAN YOU FENG WEI E...
BT134W YFWDIODE-BT134W Datasheet
1Mb / 4P
   1A four-quadrant triac
logo
NXP Semiconductors
BT134W-500 PHILIPS-BT134W-500 Datasheet
57Kb / 7P
   Triacs
September 1997 Rev 1.200
More results

Similar Description - BT134W

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
   Triacs logic level
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com