Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5372A Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5372A
Description  Low-power, High-performance Modulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5372A Datasheet(HTML) 4 Page - Cirrus Logic

  CS5372A Datasheet HTML 1Page - Cirrus Logic CS5372A Datasheet HTML 2Page - Cirrus Logic CS5372A Datasheet HTML 3Page - Cirrus Logic CS5372A Datasheet HTML 4Page - Cirrus Logic CS5372A Datasheet HTML 5Page - Cirrus Logic CS5372A Datasheet HTML 6Page - Cirrus Logic CS5372A Datasheet HTML 7Page - Cirrus Logic CS5372A Datasheet HTML 8Page - Cirrus Logic CS5372A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CS5371A CS5372A
4
DS748F1
1.
CHARACTERISTICS AND SPECIFICATIONS
Min / Max characteristics and specifications are guaranteed over the Specified Operating Conditions.
Typical performance characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
GND = 0 V. Single-ended voltages with respect to GND, differential voltages with respect to opposite half.
Device is connected as shown in Figure 9 on page 14 unless otherwise noted.
SPECIFIED OPERATING CONDITIONS
Notes: 1. VA- must always be the most-negative input voltage to avoid potential SCR latch-up conditions.
2. By design, a 2.500 V voltage reference input results in the best signal-to-noise performance.
3. Channel-to-channel gain accuracy is directly proportional to the voltage reference absolute accuracy.
4. VREF inputs must satisfy: VA-
≤ VREF- < VREF+ ≤ VA+.
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Notes: 5. Transient currents up to ±100 mA will not cause SCR latch-up.
6. Includes continuous over-voltage conditions at the modulator analog input pins.
Parameter
Symbol
Min
Nom
Max
Unit
Bipolar Power Supplies
Positive Analog
± 2%
VA+
2.45
2.50
2.55
V
Negative Analog
(Note 1) ± 2%
VA-
-2.45
-2.50
-2.55
V
Positive Digital
± 3%
VD
3.20
3.30
3.40
V
Voltage Reference
[VREF+] - [VREF-]
(Note 2, 3)
VREF
-
2.500
-
V
VREF-
(Note 4)VREF-
-
VA -
-
V
Thermal
Ambient Operating Temperature
Industrial (-ISZ)
TA
-40
25
85
°C
Parameter
Symbol
Min
Max
Parameter
DC Power Supplies
Positive Analog
Negative Analog
Digital
VA+
VA-
VD
-0.5
-6.8
-0.5
6.8
0.5
6.8
V
V
V
Analog Supply Differential
(VA+) - (VA-)
VADIFF
-6.8
V
Digital Supply Differential
(VD) - (VA-)
VDDIFF
-6.8
V
Input Current, Power Supplies
(Note 5)IPWR
-±50
mA
Input Current, Any Pin Except Supplies
(Note 5, 6)IIN
-±10
mA
Output Current
(Note 5)IOUT
-±25
mA
Power Dissipation
PDN
-
500
mW
Analog Input Voltages
VINA
(VA-) - 0.5
(VA+) + 0.5
V
Digital Input Voltages
VIND
-0.5
(VD) + 0.5
V
Storage Temperature Range
TSTG
-65
150
ºC


Similar Part No. - CS5372A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5372A CIRRUS-CS5372A Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
CS5372A-ISZ CIRRUS-CS5372A-ISZ Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
More results

Similar Description - CS5372A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371 CIRRUS-CS5371 Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
CS5371 CIRRUS-CS5371_05 Datasheet
340Kb / 22P
   Low-power, High-performance ?誇 Modulators
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
ATMEL Corporation
ATMEGA406 ATMEL-ATMEGA406_14 Datasheet
2Mb / 263P
   High Performance, Low Power AVR
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
635Kb / 30P
   High-performance, Low-power AVR
ATTINY24 ATMEL-ATTINY24_14 Datasheet
644Kb / 238P
   High Performance, Low Power AVR
AT90PWM2B ATMEL-AT90PWM2B_14 Datasheet
501Kb / 25P
   High Performance, Low Power Atmel
ATMEGA32HVB ATMEL-ATMEGA32HVB_14 Datasheet
743Kb / 24P
   High performance, low power Atmel
ATMEGA165V ATMEL-ATMEGA165V_14 Datasheet
342Kb / 336P
   High Performance, Low Power AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com