Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRD44130-FB Datasheet(PDF) 1 Page - Cirrus Logic

Part # CRD44130-FB
Description  60 W Quad Half-Bridge Digital Amplifier Power Stage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD44130-FB Datasheet(HTML) 1 Page - Cirrus Logic

  CRD44130-FB Datasheet HTML 1Page - Cirrus Logic CRD44130-FB Datasheet HTML 2Page - Cirrus Logic CRD44130-FB Datasheet HTML 3Page - Cirrus Logic CRD44130-FB Datasheet HTML 4Page - Cirrus Logic CRD44130-FB Datasheet HTML 5Page - Cirrus Logic CRD44130-FB Datasheet HTML 6Page - Cirrus Logic CRD44130-FB Datasheet HTML 7Page - Cirrus Logic CRD44130-FB Datasheet HTML 8Page - Cirrus Logic CRD44130-FB Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
60 W Quad Half-Bridge Digital Amplifier Power Stage
Features
Configurable Outputs (10% THD+N)
2 x 30 W into 8
Ω, Full-Bridge
1 x 60 W into 4
Ω, Parallel Full-Bridge
4 x 15 W into 4
Ω, Half-Bridge
2 x 15 W into 4
Ω, Half-Bridge + 1 x 30 W
into 8
Ω, Full-Bridge
Space-Efficient, Thermally-Enhanced QFN
Package
PWM Popguard® Technology for Quiet Startup
> 100 dB Dynamic Range - System Level
< 0.12% THD+N @ 1 W - System Level
Built-In Protection with Error Reporting
Over-Current
Thermal Warning
Thermal Fault
Under-Voltage
Single (+10.8 V to +21 V) High Voltage Supply
High Efficiency (90%)
Low RDS(ON)
Low Quiescent Current
Low Power Standby Mode
Common Applications
Digital Televisions
MP3 Docking Stations
Mini Shelf Systems
Networked Audio/POE Systems
Desktop Speakers
General Description provided on page 2.
M[3:1]
RST1/2
LVD
OCREF
RAMP
Protection and Error Reporting
(Open Drain with Internal Pull-ups)
Control Logic
ERROC3/4
ERRUVTE
TWR
VP
OUT[4:1]
PGND
Gate
Drivers
Level Shifters
Non-Overlap
Time Insertion
IN[4:1]
VD
GND
VL
RST3/4
ERROC1/2
JULY '06
DS690PP1
CS44130


Similar Part No. - CRD44130-FB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
   20 W x 2 40 W x 1 PWM Amplifier Reference Design
More results

Similar Description - CRD44130-FB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4412A CIRRUS-CS4412A Datasheet
493Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412 CIRRUS-CS4412 Datasheet
336Kb / 22P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412A CIRRUS-CS4412A_08 Datasheet
433Kb / 24P
   30 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
   500 W FFX digital amplifier power stage
April 2014 Rev 1
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com