Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42888-DQZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS42888-DQZ
Description  108 dB, 192 kHz 4-In, 8-Out CODEC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42888-DQZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS42888-DQZ Datasheet HTML 4Page - Cirrus Logic CS42888-DQZ Datasheet HTML 5Page - Cirrus Logic CS42888-DQZ Datasheet HTML 6Page - Cirrus Logic CS42888-DQZ Datasheet HTML 7Page - Cirrus Logic CS42888-DQZ Datasheet HTML 8Page - Cirrus Logic CS42888-DQZ Datasheet HTML 9Page - Cirrus Logic CS42888-DQZ Datasheet HTML 10Page - Cirrus Logic CS42888-DQZ Datasheet HTML 11Page - Cirrus Logic CS42888-DQZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
8
DS717F1
CS42888
1.1
Digital I/O Pin Characteristics
Various pins on the CS42888 are powered from separate power supply rails. The logic level for each input
should adhere to the corresponding power rail and should not exceed the maximum ratings.
Power
Rail
Pin Name
I/O
Driver
Receiver
VLC
RST
Input
-
1.8 V - 5.0 V, CMOS
SCL/CCLK
Input
-
1.8 V - 5.0 V, CMOS, with Hysteresis
SDA/CDOUT
Input/
Output
1.8 V - 5.0 V, CMOS/Open Drain
1.8 V - 5.0 V, CMOS, with Hysteresis
AD0/CS
Input
-
1.8 V - 5.0 V, CMOS
AD1/CDIN
Input
-
1.8 V - 5.0 V, CMOS
INT
Output
1.8 V - 5.0 V, CMOS/Open Drain
-
VLS
MCLK
Input
-
1.8 V - 5.0 V, CMOS
ADC_LRCK
Input/
Output
1.8 V - 5.0 V, CMOS
1.8 V - 5.0 V, CMOS
ADC_SCLK
Input/
Output
1.8 V - 5.0 V, CMOS
1.8 V - 5.0 V, CMOS
ADC_SDOUT1-2
Input/
Output
1.8 V - 5.0 V, CMOS
-
DAC_LRCK
Input/
Output
1.8 V - 5.0 V, CMOS
1.8 V - 5.0 V, CMOS
DAC_SCLK
Input/
Output
1.8 V - 5.0 V, CMOS
1.8 V - 5.0 V, CMOS
DAC_SDIN1-4
Input
-
1.8 V - 5.0 V, CMOS
AUX_LRCK
Output
1.8 V - 5.0 V, CMOS
-
AUX_SCLK
Output
1.8 V - 5.0 V, CMOS
-
AUX_SDIN
Input
-
1.8 V - 5.0 V, CMOS
VA
MUTEC
Output
3.3 V - 5.0 V, CMOS
-
Table 1. I/O Power Rails


Similar Part No. - CS42888-DQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42888-DQZ CIRRUS-CS42888-DQZ Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-DQZR CIRRUS-CS42888-DQZR Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
More results

Similar Description - CS42888-DQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42888 CIRRUS-CS42888_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42435 CIRRUS-CS42435 Datasheet
1Mb / 58P
   108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42435 CIRRUS-CS42435_07 Datasheet
1Mb / 57P
   108 dB, 192 kHz 4-In, 8-Out TDM CODEC
CS42448 CIRRUS-CS42448 Datasheet
1Mb / 70P
   108 dB, 192 kHz 6-in, 8-out CODEC
CS42448 CIRRUS-CS42448_06 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS42448 CIRRUS-CS42448_07 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-In, 8-Out CODEC
CS42438 CIRRUS-CS42438_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 6-In, 8-Out TDM CODEC
CS42438 CIRRUS-CS42438_06 Datasheet
1Mb / 62P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42438 CIRRUS-CS42438 Datasheet
1Mb / 64P
   108 dB, 192 kHz 6-in, 8-out TDM CODEC
CS42432 CIRRUS-CS42432_06 Datasheet
1Mb / 59P
   108 dB, 192 kHz 4-In, 6-Out TDM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com