Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5344-DZZ Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5344-DZZ
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5344-DZZ Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5344-DZZ Datasheet HTML 5Page - Cirrus Logic CS5344-DZZ Datasheet HTML 6Page - Cirrus Logic CS5344-DZZ Datasheet HTML 7Page - Cirrus Logic CS5344-DZZ Datasheet HTML 8Page - Cirrus Logic CS5344-DZZ Datasheet HTML 9Page - Cirrus Logic CS5344-DZZ Datasheet HTML 10Page - Cirrus Logic CS5344-DZZ Datasheet HTML 11Page - Cirrus Logic CS5344-DZZ Datasheet HTML 12Page - Cirrus Logic CS5344-DZZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DS687A4
9
CS5343/4
DIGITAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(% of VA)
VIH
70
-
-
%
Low-Level Input Voltage
(% of VA)
VIL
--
30
%
High-Level Output Voltage at Io = 500 µA(% of VA)
VOH
70
-
-
%
Low-Level Output Voltage at Io =500 µA(% of VA)
VOL
--
15
%
Input Leakage Current
Iin
-10
-
10
µA


Similar Part No. - CS5344-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5344-DZZ CIRRUS-CS5344-DZZ Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5344-DZZ CIRRUS-CS5344-DZZ Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5344-DZZR CIRRUS-CS5344-DZZR Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5344-DZZR CIRRUS-CS5344-DZZR Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CS5344-DZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5343 CIRRUS-CS5343_07 Datasheet
351Kb / 21P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5343 CIRRUS-CS5343_08 Datasheet
353Kb / 22P
   98 dB, 96 kHz, Multi-Bit Audio A/D Converter
CS5396 CIRRUS-CS5396 Datasheet
1Mb / 40P
   120 dB, 96 kHZ Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com