Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4024 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BQ4024
Description  128Kx16 Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BQ4024 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BQ4024 Datasheet HTML 1Page - List of Unclassifed Manufacturers BQ4024 Datasheet HTML 2Page - List of Unclassifed Manufacturers BQ4024 Datasheet HTML 3Page - List of Unclassifed Manufacturers BQ4024 Datasheet HTML 4Page - List of Unclassifed Manufacturers BQ4024 Datasheet HTML 5Page - List of Unclassifed Manufacturers BQ4024 Datasheet HTML 6Page - List of Unclassifed Manufacturers BQ4024 Datasheet HTML 7Page - List of Unclassifed Manufacturers BQ4024 Datasheet HTML 8Page - List of Unclassifed Manufacturers BQ4024 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Sept. 1992
AC Test Conditions
Parameter
Test Conditions
Input pulse levels
0V to 3.0V
Input rise and fall times
5 ns
Input and output timing reference levels
1.5 V (unless otherwise specified)
Output load (including scope and jig)
See Figures 1 and 2
Figure 1. Output Load A
Figure 2. Output Load B
Read Cycle (TA = 0 to 70°C, VCCmin ≤ VCC ≤ VCCmax)
Symbol
Parameter
-85
-120
Unit
Conditions
Min.
Max.
Min.
Max.
tRC
Read cycle time
85
-
120
-
ns
tAA
Address access time
-
85
-
120
ns
Output load A
tACE
Chip enable access time
-
85
-
120
ns
Output load A
tOE
Output enable to output valid
-
45
-
60
ns
Output load A
tCLZ
Chip enable to output in low Z
5
-
5
-
ns
Output load B
tOLZ
Output enable to output in low Z
0
-
0
-
ns
Output load B
tCHZ
Chip disable to output in high Z
0
35
0
45
ns
Output load B
tOHZ
Output disable to output in high Z
0
25
0
35
ns
Output load B
tOH
Output hold from address change
10
-
10
-
ns
Output load A
bq4024/bq4024Y


Similar Part No. - BQ4024

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010 TI-BQ4010 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI1-BQ4010 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010-150 TI-BQ4010-150 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010-200 TI-BQ4010-200 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4024

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com