Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


CD54AC109 Datasheet(PDF) 4 Page - TI store

Click here to check the latest version.
Part No. CD54AC109
Description  Dual j-k Flip-Flop with Set and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [TI store]
Homepage  http://www.ti.com
Logo 

   
 4 page
background image
CD54AC109, CD74AC109
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SCHS326 – JANUARY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
1.5 V
1.4
1.4
1.4
IOH = –50 µA
3 V
2.9
2.9
2.9
4.5 V
4.4
4.4
4.4
VOH
VI = VIH or VIL
IOH = –4 mA
3 V
2.58
2.4
2.48
V
IOH = –24 mA
4.5 V
3.94
3.7
3.8
IOH = –50 mA†
5.5 V
3.85
IOH = –75 mA†
5.5 V
3.85
1.5 V
0.1
0.1
0.1
IOL = 50 µA
3 V
0.1
0.1
0.1
4.5 V
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 12 mA
3 V
0.36
0.5
0.44
V
IOL = 24 mA
4.5 V
0.36
0.5
0.44
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
80
40
µA
Ci
10
10
10
pF
† Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage to minimize
power dissipation. Test verifies a minimum 50-
Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive capability at 125°C.
timing requirements over recommended operating free-air temperature range, VCC = 1.5 V (unless
otherwise noted)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
8
9
MHz
t
Pulse duration
CLK high or low
63
55
ns
tw
Pulse duration
CLR or PRE low
56
49
ns
tsu
Setup time, before CLK
J or K
69
61
ns
th
Hold time, after CLK
J or K
0
0
ns
trec
Recovery time, before CLK
CLR
↑ or PRE↑
31
27
ns




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD54AC109Dual J-K Flip-Flop with Set and Reset 1 Intersil Corporation
MC54HC273AOCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET 1 2 3 4 5 MoreMotorola, Inc
EMD4DXV6T1Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 ON Semiconductor
PCA969840-bit Fm+ I2C-bus advanced I/O port with RESET OE and INT 1 2 3 4 5 MoreNXP Semiconductors
AM25LS2520Octal D-Type Flip-Flop with Clear Clock Enable and Three-State Control 1 2 3 4 5 MoreAdvanced Micro Devices
NCV85125.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Monitor FLAG 1 2 3 4 5 MoreON Semiconductor
ADCMP341Dual Comparators with 400mV Reference and programmable Hysteresis 1 2 3 4 5 MoreAnalog Devices
ADCMP361Single Comparator with 400mV Reference and Dual Polarity Outputs 1 2 3 4 5 MoreAnalog Devices
LM95241Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology 65nm/90nm 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl