Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1735-25ETB Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1735-25ETB
Description  500mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1735-25ETB Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  AIC1735-25ETB Datasheet HTML 1Page - Analog Intergrations Corporation AIC1735-25ETB Datasheet HTML 2Page - Analog Intergrations Corporation AIC1735-25ETB Datasheet HTML 3Page - Analog Intergrations Corporation AIC1735-25ETB Datasheet HTML 4Page - Analog Intergrations Corporation AIC1735-25ETB Datasheet HTML 5Page - Analog Intergrations Corporation AIC1735-25ETB Datasheet HTML 6Page - Analog Intergrations Corporation AIC1735-25ETB Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AIC1735
7
n PHYSICAL DIMENSIONS
l
TO-252 (unit: mm)
SYMBOL
MIN
MAX
A
2.19
2.38
A1
1.02
1.27
b
0.64
0.88
b2
5.21
5.46
C1
0.46
0.58
D
5.33
5.59
E
6.35
6.73
e
2.28 (TYP.)
H
9.40
10.42
E
b2
A
C1
A1
H
D
L
b
e
L
0.51
-
l
SOT-223 (unit: mm)
SYMBOL
MIN
MAX
A1
0.02
0.12
B
0.60
0.80
B1
2.90
3.15
C
0.24
0.35
D
6.30
6.80
E
3.30
3.70
e
2.30 (TYP.)
H
6.70
7.30
0° ~ 10°
13° ± 3°
13° ± 3°
C
0.91 MIN
E
H
D
B1
3 (PLCS)
B
A1
13° ± 3
°
e
l
SOT-223 MARKING
Part No.
Marking
Part No.
Marking
AIC1735-18CY
CC18
AIC1735-35CY
CC35
AIC1735-20CY
CC20
AIC1735-37CY
CC37
AIC1735-25CY
CC25
AIC1735-38CY
CC38
AIC1735-27CY
CC27
AIC1735-50CY
CC50
AIC1735-30CY
CC30
AIC1735-52CY
CC52
AIC1735-33CY
CC33


Similar Part No. - AIC1735-25ETB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735-25XU AIC-AIC1735-25XU Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1735-25XX AIC-AIC1735-25XX Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1735-25XY AIC-AIC1735-25XY Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1735-25ETB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com