Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATT3020-50M44I Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ATT3020-50M44I
Description  Field-Programmable Gate Arrays
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATT3020-50M44I Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ATT3020-50M44I Datasheet HTML 3Page - List of Unclassifed Manufacturers ATT3020-50M44I Datasheet HTML 4Page - List of Unclassifed Manufacturers ATT3020-50M44I Datasheet HTML 5Page - List of Unclassifed Manufacturers ATT3020-50M44I Datasheet HTML 6Page - List of Unclassifed Manufacturers ATT3020-50M44I Datasheet HTML 7Page - List of Unclassifed Manufacturers ATT3020-50M44I Datasheet HTML 8Page - List of Unclassifed Manufacturers ATT3020-50M44I Datasheet HTML 9Page - List of Unclassifed Manufacturers ATT3020-50M44I Datasheet HTML 10Page - List of Unclassifed Manufacturers ATT3020-50M44I Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
Data Sheet
February 1997
ATT3000 Series Field-Programmable Gate Arrays
Lucent Technologies Inc.
7
Configurable Logic Block
The array of configurable logic blocks (CLBs) provides
the functional elements from which the user’s logic is
constructed. The logic blocks are arranged in a matrix
within the perimeter of IOBs. The ATT3020 has 64 such
blocks arranged in eight rows and eight columns. The
ORCA Foundry Development System is used to com-
pile the configuration data for loading into the internal
configuration memory to define the operation and inter-
connection of each block. User definition of CLBs and
their interconnecting networks may be done by auto-
matic translation from a schematic capture logic dia-
gram or optionally by installing library or user macros.
Each CLB has a combinatorial logic section, two flip-
flops, and an internal control section; see Figure 4
below. There are five logic inputs (.a, .b, .c, .d, and .e);
a common clock input (.k); an asynchronous direct
reset input (.rd); and an enable clock (.ec). All may be
driven from the interconnect resources adjacent to the
blocks. Each CLB also has two outputs (.x and .y)
which may drive interconnect networks.
Data input for either flip-flop within a CLB is supplied
from the function F or G outputs of the combinatorial
logic, or the block input, data-in (.di). Both flip-flops in
each CLB share the asynchronous reset (.rd) which,
when enabled and high, is dominant over clocked
inputs. All flip-flops are reset by the active-low chip
input, RESET, or during the configuration process.
The flip-flops share the enable clock (.ec) which, when
low, recirculates the flip-flops’ present states and inhib-
its response to the data-in or combinatorial function
inputs on a CLB. The user may enable these control
inputs and select their sources. The user may also
select the clock net input (.k), as well as its active
sense within each logic block. This programmable
inversion eliminates the need to route both phases of a
clock signal throughout the device. Flexible routing
allows use of common or individual CLB clocking.
The combinatorial logic portion of the logic block uses
a 32 x 1 look-up table to implement Boolean functions.
Variables selected from the five logic inputs and the
two internal block flip-flops are used as table address
inputs. The combinatorial propagation delay through
the network is independent of the logic function gener-
ated and is spike-free for single-input variable changes.
This technique can generate two independent logic
functions of up to four variables each as shown in Fig-
ure 5A, or a single function of five variables as shown in
Figure 5B, or some functions of seven variables as
shown in Figure 5C.
Figure 4. Configurable Logic Block
0
1
MUX
0
1
MUX
D
Q
RD
D
Q
RD
“1” (ENABLE)
DATA IN
LOGIC
VARIABLES
.a
.b
.c
.e
.d
ENABLE
CLOCK
QX
COMBINATORIAL
FUNCTION
QX
F
G
.x
.y
“0” (INHIBIT)
(GLOBAL RESET)
.ec
.k
.rd
.di
F
DIN
G
CLB OUTPUTS
QX
F
F
DIN
G
G
QY
CLOCK
5-3103(F)
DIRECT
RESET


Similar Part No. - ATT3020-50M44I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATT3209 ETC1-ATT3209 Datasheet
637Kb / 10P
   Temperature Compensating Gamma Trimster TM ATT3209
More results

Similar Description - ATT3020-50M44I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com