Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA-32063 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # INA-32063
Description  3.0 GHz Wideband Silicon RFIC Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-32063 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button INA-32063 Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-32063 Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-32063 Datasheet HTML 5Page - Agilent(Hewlett-Packard) INA-32063 Datasheet HTML 6Page - Agilent(Hewlett-Packard) INA-32063 Datasheet HTML 7Page - Agilent(Hewlett-Packard) INA-32063 Datasheet HTML 8Page - Agilent(Hewlett-Packard) INA-32063 Datasheet HTML 9Page - Agilent(Hewlett-Packard) INA-32063 Datasheet HTML 10Page - Agilent(Hewlett-Packard) INA-32063 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
0.026
0.075
0.016
0.035
Figure 16. PCB Pad Layout for
INA-32063 (dimensions in inches).
Statistical Parameters
Several categories of parameters
appear within this data sheet.
Parameters may be described
with values that are either
“minimum or maximum,”
“typical,” or “standard
deviations.” The values for
parameters are based on compre-
hensive product characterization
data, in which automated mea-
surements are made on a large
number of parts taken from
3 non-consecutive process lots of
semiconductor wafers. The data
derived from product character-
ization tends to be normally
distributed, e.g., fits the standard
“bell curve.”
Parameters considered to be the
most important to system perfor-
mance are bounded by minimum
or maximum values. For the
INA-32063, these parameters are:
Power Gain (|S21|2) and the
Device Current (Id). Each of
these guaranteed parameters is
100% tested. Values for most of
the parameters in the table of
Electrical Specifications that are
described by typical data are the
mathematical mean (
µ), of the
normal distribution taken from
the characterization data. For
parameters where measurements
or mathematical averaging may
not be practical, such as
S-parameters or Noise Param-
eters and the performance
curves, the data represents a
nominal part taken from the
“center” of the characterization
distribution. Typical values are
intended to be used as a basis for
electrical design.
To assist designers in optimizing
not only the immediate circuit
using the INA-32063, but to also
optimize and evaluate trade-off
that affect a complete wireless
system, the standard deviation
(
σ) is provided for many of the
Electrical Specifications param-
eters (at 25
°C) in addition to the
mean. The standard deviation is a
measure of the variability about
the mean. It will be recalled that a
normal distribution is completely
described by the mean and
standard deviation.
Standard statistics tables or
calculations provide the probabil-
ity of a parameter falling between
any two values, usually symmetri-
cally located about the mean.
Referring to Figure 17 for ex-
ample, the probability of a
parameter being between
±1σ is
68.3%; between
±2σ is 95.4%; and
between
±3σ is 99.7%.
68%
95%
99%
Parameter Value
Mean
(
µ), typ
-3
σ -2σ -1σ
+1
σ +2σ +3σ
Figure 17. Normal Distribution.
SMT Assembly
Reliable assembly of surface
mount components is a complex
process that involves many
material, process, and equipment
factors, including: method of
heating (e.g., IR or vapor phase
reflow, wave soldering, etc.)
circuit board material, conductor
thickness and pattern, type of
solder alloy, and the thermal
conductivity and thermal mass of
components. Components with a
low mass, such as the SOT-363
package, will reach solder reflow
temperatures faster than those
with a greater mass.
The INA-32063 has been qualified
to the time-temperature profile
shown in Figure 18. This profile is
representative of an IR reflow
type of surface mount assembly
process.
After ramping up from room
temperature, the circuit board
with components attached to it
(held in place with solder paste)
passes through one or more
preheat zones. The preheat zones
increase the temperature of the
board and components to prevent
thermal shock and begin evapo-
rating solvents from the solder
paste. The reflow zone briefly
elevates the temperature suffi-
ciently to produce a reflow of the
solder. The rates of change of
temperature for the ramp-up and
cool down zones are chosen to be
low enough to not cause deforma-
tion of the board or damage to
components due to thermal
shock.
For more information on mount-
ing considerations for packaged
microwave semiconductors


Similar Part No. - INA-32063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
   1 GHz Low Noise Silicon MMIC Amplifier
INA-30311-BLK HP-INA-30311-BLK Datasheet
75Kb / 6P
   1 GHz Low Noise Silicon MMIC Amplifier
INA-30311-TR1 HP-INA-30311-TR1 Datasheet
75Kb / 6P
   1 GHz Low Noise Silicon MMIC Amplifier
More results

Similar Description - INA-32063

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ABA-52563 HP-ABA-52563 Datasheet
96Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-53563 HP-ABA-53563 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-32563 AVAGO-ABA-32563 Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
ABA-54563 AVAGO-ABA-54563 Datasheet
247Kb / 10P
   3.4 GHz Broadband Silicon RFIC Amplifier
logo
Agilent(Hewlett-Packard...
ABA-51563 HP-ABA-51563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-32563 HP-ABA-32563 Datasheet
109Kb / 8P
   2.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-51563 AVAGO-ABA-51563 Datasheet
366Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 AVAGO-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-54563 BOARDCOM-ABA-54563 Datasheet
247Kb / 10P
   3.4 GHz Broadband Silicon RFIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com