Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP3101 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IP3101
Description  Versatile Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP3101 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IP3101 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP3101 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IP3101
September. 2003
- 3 -
http://www.interpionsemi.com
Versatile Gate Driver
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Total Supply Current Section
Start-up Current
IST
Vcc = 9V
-
125
250
uA
Quiescent Current
IQ
Not Switching
3
7.5
12
mA
Operating Supply Current
ICC
fosc=46KHz, Co=1nF
4
9
14
mA
Under Voltage Lock Output Section
Vcc Turn-On Voltage
VCCON
Vcc Increasing
9
10
11
V
UVLO Hysteresis Voltage
HYS
1.5
2
2.5
V
Preheating (Soft Start) Section
PHT Charging Current
IPHT
PIN1=0V
0.7
0.9
1.1
uA
PHT Threshold Voltage
VPHT
PIN1 Increasing,
Rphf=33KΩ
1.2
1.5
1.8
V
PHF Reference Voltage
VPHF
IPHF=100uA
1.95
2.00
2.05
V
PHF Reference Voltage
Line Regulation
DVPHF1
Vcc=12~20V
-6
0.1
6
mV
PHF Reference Voltage
Load Regulation
DVPHF2
Io=50uA~200uA
-12
-0.1
12
mV
Protection Input Threshold
Voltage
VPROT
PIN4=from 2.0V to 0V
0.7
1.0
1.3
V
Protection Triggering Cur-
rent
IPROT
PIN4=0V
-
-1
-
mA
PHF Maximum Current
IPHF
VPHF=1.5V
200
-
-
uA
Protection Section
(Ta = 25
°C, Vcc=14V, fosc=46KHz, unless otherwise specified.)


Similar Part No. - IP3101

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP31 BEL-IP31 Datasheet
3Mb / 7P
   IP68 Waterproof Connectors and Adapters
logo
List of Unclassifed Man...
IP314 ETC2-IP314 Datasheet
1Mb / 2P
   Integrated VGA(GMA3100), CRT suppor
logo
Seme LAB
IP317 SEME-LAB-IP317 Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
IP317A SEME-LAB-IP317A Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
IP317AHVK SEME-LAB-IP317AHVK Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - IP3101

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M57962 POWEREX-M57962 Datasheet
36Kb / 2P
   Gate Driver
M57161L-01 POWEREX-M57161L-01 Datasheet
263Kb / 7P
   Gate Driver
M57962CL-01 POWEREX-M57962CL-01 Datasheet
62Kb / 4P
   Gate Driver
M57160AL-01 POWEREX-M57160AL-01 Datasheet
86Kb / 6P
   Gate Driver
M57959L POWEREX-M57959L Datasheet
36Kb / 2P
   Gate Driver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
Diodes Incorporated
ZXLD1374_V1 DIODES-ZXLD1374_V1 Datasheet
218Kb / 2P
   Versatile LED driver increases reliability of high brightness lamps
logo
Texas Instruments
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
[Old version datasheet]   MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com