Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA-32063-TR1 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # INA-32063-TR1
Description  3.0 GHz Wideband Silicon RFIC Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-32063-TR1 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button INA-32063-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) INA-32063-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) INA-32063-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) INA-32063-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) INA-32063-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) INA-32063-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) INA-32063-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) INA-32063-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) INA-32063-TR1 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Package Dimensions
Outline 63 (SOT-363/SC-70)
INA-32063 Part Number Ordering Information
Part Number
Devices per Container
Container
INA-32063-BLK
100
tape strip in antistatic bag
INA-32063-TR1
3,000
7" reel
INA-32063-TR2
10,000
13" reel
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)


Similar Part No. - INA-32063-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-30311 HP-INA-30311 Datasheet
75Kb / 6P
   1 GHz Low Noise Silicon MMIC Amplifier
INA-30311-BLK HP-INA-30311-BLK Datasheet
75Kb / 6P
   1 GHz Low Noise Silicon MMIC Amplifier
INA-30311-TR1 HP-INA-30311-TR1 Datasheet
75Kb / 6P
   1 GHz Low Noise Silicon MMIC Amplifier
More results

Similar Description - INA-32063-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ABA-52563 HP-ABA-52563 Datasheet
96Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-53563 HP-ABA-53563 Datasheet
108Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-32563 AVAGO-ABA-32563 Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
ABA-54563 AVAGO-ABA-54563 Datasheet
247Kb / 10P
   3.4 GHz Broadband Silicon RFIC Amplifier
logo
Agilent(Hewlett-Packard...
ABA-51563 HP-ABA-51563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-32563 HP-ABA-32563 Datasheet
109Kb / 8P
   2.5 GHz Broadband Silicon RFIC Amplifier
ABA-31563 HP-ABA-31563 Datasheet
103Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ABA-51563 AVAGO-ABA-51563 Datasheet
366Kb / 7P
   3.5 GHz Broadband Silicon RFIC Amplifier
ABA-52563 AVAGO-ABA-52563 Datasheet
768Kb / 8P
   3.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-54563 BOARDCOM-ABA-54563 Datasheet
247Kb / 10P
   3.4 GHz Broadband Silicon RFIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com