Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1117T-5 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # B1117T-5
Description  1.0Amp Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1117T-5 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  B1117T-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers B1117T-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers B1117T-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers B1117T-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers B1117T-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers B1117T-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers B1117T-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B1117
APPLICATION NOTES EXTERNAL
CAPACITOR
To ensure the stability of the B1117 an output capacitor of at
least 10
µF (tantalum)or 50µF (aluminum) is required. The
value may change based on the application requirements on
the output load or temperature range.
The capacitor
equivalent series resistance (ESR) will effect the B1117
stability. The value of ESR can vary from the type of
capacitor used in the applications. The recommended value
for ESR is 0.5
Ω. The output capacitance could increase in
size to above the minimum value. The larger value of
output capacitance as high as 100
µF can improve the load
transient response.
SOLDERING METHODS
The B1117 SOT-223 package is designed to be compatible
with infrared reflow or vapor-phase reflow soldering
techniques. During soldering the non-active or mildly active
fluxes may be used. The B1117 die is attached to the heat
sink lead which exits opposite the input, output, and ground
pins.
Hand soldering and wave soldering should be avoided since
these methods can cause damage to the device with
excessive thermal gradients on the package. The SOT-223
recommended soldering method are as follows: vapor phase
reflow and infrared reflow with the component preheated to
within 65
°C of the soldering temperature range.
THERMAL CHARACTERISTICS
The thermal resistance of B1117 is 15
°C/W from junction to
tab and 31
°C/W from tab to ambient for a total of 46 °C/W
from junction to ambient. The B1117 features the internal
thermal limiting to protect the device during overload
conditions. Special care needs to be taken during continues
load conditions the maximum junction temperature does not
exceed 125
°C.
Taking the FR-4 printed circuit board and 1/16 thick with 1
ounce copper foil as an experiment (fig.1 & fig.2), the PCB
material is effective at transmitting heat with the tab
attached to the pad area and a ground plane layer on the
backside of the substrate. Refer to table 1 for the results of
the experiment.
The thermal interaction from other components in the
application can effect the thermal resistance of the B1117.
The actual thermal resistance can be determined with
experimentation. B1117 power dissipation is calculated as
follows:
PD = (VIN - VOUT)(IOUT)
Maximum Junction Temperature range:
TJ = Tambient (max) + PD* thermal resistance (Junction-to-
ambient)
Maximum Junction temperature must not exceed the
125
°C.
10uF
+
..
27K
B1117-2.85
+
10V
10uF
2.85V
10uF
+
..
27K
B1117-2.85
+
10V
10uF
2.85V
PO = (10V - 2.85)(105mA) = (7.15)(105mA) = 750mW
Fig. 1. Circuit Layout, Thermal Experiments.
50 X 50 mm
35 X 17 mm
16 X 10 mm
Fig. 2. Substrate Layout for SOT-223


Similar Part No. - B1117T-5

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
B111 INTRONICS-B111 Datasheet
189Kb / 2P
   1WATT DC-DC CONVERTERS
logo
Lite-On Technology Corp...
B1110 LITEON-B1110 Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DB Lectro Inc
B1112AA1 DBLECTRO-B1112AA1 Datasheet
195Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm RIGHT ANGLE
B1112AB1 DBLECTRO-B1112AB1 Datasheet
195Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm RIGHT ANGLE
B1112AC1 DBLECTRO-B1112AC1 Datasheet
195Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm RIGHT ANGLE
More results

Similar Description - B1117T-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B033 ETC2-B033 Datasheet
350Kb / 7P
   1.0Amp Low Dropout Voltage Regulator
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com