Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1977EFE Datasheet(PDF) 11 Page - Linear Technology

Part # 1977EFE
Description  High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1977EFE Datasheet(HTML) 11 Page - Linear Technology

Back Button 1977EFE Datasheet HTML 7Page - Linear Technology 1977EFE Datasheet HTML 8Page - Linear Technology 1977EFE Datasheet HTML 9Page - Linear Technology 1977EFE Datasheet HTML 10Page - Linear Technology 1977EFE Datasheet HTML 11Page - Linear Technology 1977EFE Datasheet HTML 12Page - Linear Technology 1977EFE Datasheet HTML 13Page - Linear Technology 1977EFE Datasheet HTML 14Page - Linear Technology 1977EFE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT1977
11
1977f
APPLICATIO S I FOR ATIO
INPUT CAPACITOR
Step-down regulators draw current from the input supply
in pulses. The rise and fall times of these pulses are very
fast. The input capacitor is required to reduce the voltage
ripple this causes at the input of LT1977 and force the
switching current into a tight local loop, thereby minimiz-
ing EMI. The RMS ripple current can be calculated from:
I
I
V
VV
V
RIPPLE RMS
OUT
IN
OUT
IN
OUT
()
=
()
Ceramic capacitors are ideal for input bypassing. At 500kHz
switching frequency input capacitor values in the range of
4.7µF to 20µF are suitable for most applications. If opera-
tion is required close to the minimum input required by the
LT1977 a larger value may be required. This is to prevent
excessive ripple causing dips below the minimum operat-
ing voltage resulting in erratic operation.
Input voltage transients caused by input voltage steps or
by hot plugging the LT1977 to a pre-powered source such
as a wall adapter can exceed maximum VIN ratings. The
sudden application of input voltage will cause a large
surge of current in the input leads that will store energy in
the parasitic inductance of the leads. This energy will
cause the input voltage to swing above the DC level of input
power source and it may exceed the maximum voltage
rating of the input capacitor and LT1977. All input voltage
transient sequences should be observed at the VIN pin of
the LT1977 to ensure that absolute maximum voltage
ratings are not violated.
The easiest way to suppress input voltage transients is to
add a small aluminum electrolytic capacitor in parallel with
the low ESR input capacitor. The selected capacitor needs
to have the right amount of ESR to critically damp the
resonant circuit formed by the input lead inductance and
the input capacitor. The typical values of ESR will fall in the
range of 0.5Ω to 2Ω and capacitance will fall in the range
of 5µF to 50µF.
If tantalum capacitors are used, values in the 22µF to
470µF range are generally needed to minimize ESR and
meet ripple current and surge ratings. Care should be
taken to ensure the ripple and surge ratings are not
exceeded. The AVX TPS and Kemet T495 series are surge
rated. AVX recommends derating capacitor operating
voltage by 2:1 for high surge applications.
OUTPUT CAPACITOR
The output capacitor is normally chosen by its effective
series resistance (ESR) because this is what determines
output ripple voltage. To get low ESR takes volume, so
physically smaller capacitors have higher ESR. The ESR
range for typical LT1977 applications is 0.05Ω to 0.2Ω. A
typical output capacitor is an AVX type TPS, 100µF at 10V,
with a guaranteed ESR less than 0.1Ω. This is a “D” size
surface mount solid tantalum capacitor. TPS capacitors
are specially constructed and tested for low ESR, so they
give the lowest ESR for a given volume. The value in
microfarads is not particularly critical and values from
22µF to greater than 500µF work well, but you cannot
cheat Mother Nature on ESR. If you find a tiny 22µF solid
tantalum capacitor, it will have high ESR and output ripple
voltage could be unacceptable. Table 3 shows some
typical solid tantalum surface mount capacitors.
Table 3. Surface Mount Solid Tantalum Capacitor ESR
and Ripple Current
E CASE SIZE
ESR MAX (Ω)
RIPPLE CURRENT (A)
AVX TPS
0.1 to 0.3
0.7 to 1.1
D CASE SIZE
AVX TPS
0.1 to 0.3
0.7 to 1.1
C CASE SIZE
AVX TPS
0.2
0.5
Many engineers have heard that solid tantalum capacitors
are prone to failure if they undergo high surge currents.
This is historically true and type TPS capacitors are
specially tested for surge capability but surge ruggedness
is not a critical issue with the output capacitor. Solid
tantalum capacitors fail during very high turn-on surges
which do not occur at the output of regulators. High
discharge surges, such as when the regulator output is
dead shorted, do not harm the capacitors.
Unlike the input capacitor RMS, ripple current in the
output capacitor is normally low enough that ripple cur-
rent rating is not an issue. The current waveform is


Similar Part No. - 1977EFE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1977 BOURNS-1977 Datasheet
222Kb / 2P
   High Frequency Coaxial SPD
logo
Heyco.
1977 HEYCO-1977 Datasheet
94Kb / 1P
   Heyco® Foam Washers
logo
Bourns Electronic Solut...
1977-09-A00 BOURNS-1977-09-A00 Datasheet
222Kb / 2P
   High Frequency Coaxial SPD
1977-09-A01 BOURNS-1977-09-A01 Datasheet
222Kb / 2P
   High Frequency Coaxial SPD
1977-09-A02 BOURNS-1977-09-A02 Datasheet
222Kb / 2P
   High Frequency Coaxial SPD
More results

Similar Description - 1977EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3435 LINER-LT3435_15 Datasheet
325Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT3435 LINER-LT3435 Datasheet
319Kb / 24P
   High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
   1.5A, 500kHz Step-down Voltage Regulator
logo
Linear Technology
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com