Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT136F-600 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BT136F-600
Description  Triacs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT136F-600 Datasheet(HTML) 6 Page - NXP Semiconductors

  BT136F-600 Datasheet HTML 1Page - NXP Semiconductors BT136F-600 Datasheet HTML 2Page - NXP Semiconductors BT136F-600 Datasheet HTML 3Page - NXP Semiconductors BT136F-600 Datasheet HTML 4Page - NXP Semiconductors BT136F-600 Datasheet HTML 5Page - NXP Semiconductors BT136F-600 Datasheet HTML 6Page - NXP Semiconductors BT136F-600 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
Triacs
BT136F series
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.13. SOT186; The seating plane is electrically isolated from all terminals.
Notes
1. Accessories supplied on request: refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10.2
max
5.7
max
3.2
3.0
0.9
0.5
4.4
max
2.9 max
4.4
4.0
seating
plane
7.9
7.5
17
max
0.55 max
1.3
13.5
min
2.54
5.08
0.9
0.7
12
3
M
0.4
top view
3.5 max
not tinned
4.4
February 1996
6
Rev 1.100


Similar Part No. - BT136F-600

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
BT136F-600 TECCOR-BT136F-600 Datasheet
2Mb / 223P
   Thyristor Product Catalog
BT136F-600D TECCOR-BT136F-600D Datasheet
2Mb / 223P
   Thyristor Product Catalog
BT136F-600E TECCOR-BT136F-600E Datasheet
2Mb / 223P
   Thyristor Product Catalog
logo
DIYI Electronic Technol...
BT136F-600E DYELEC-BT136F-600E Datasheet
4Mb / 7P
   Domestic lighting ,heating and motor speed controllers.
BT136F-600E DYELEC-BT136F-600E Datasheet
1Mb / 7P
   4Q Triac
More results

Similar Description - BT136F-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com