Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90096 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90096
Description  On-screen Display Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90096 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90096 Datasheet HTML 7Page - Fujitsu Component Limited. MB90096 Datasheet HTML 8Page - Fujitsu Component Limited. MB90096 Datasheet HTML 9Page - Fujitsu Component Limited. MB90096 Datasheet HTML 10Page - Fujitsu Component Limited. MB90096 Datasheet HTML 11Page - Fujitsu Component Limited. MB90096 Datasheet HTML 12Page - Fujitsu Component Limited. MB90096 Datasheet HTML 13Page - Fujitsu Component Limited. MB90096 Datasheet HTML 14Page - Fujitsu Component Limited. MB90096 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
MB90096
11
(2) Vertical and horizontal sync signal input timing
(VCC
==== AVCC ==== 5.0 V ±±±± 10%, VSS ==== AVSS ==== 0 V, Ta ==== −40 °°°°C to +85 °°°°C)
*1: The horizontal sync pulse time is applied after MB90096 internal operations have paused and horizontal operation
has been synchronized. For this reason it is necessary to leave an interval between commands so that writing
to VRAM (command 2, 4) is not performed more than once.
It is necessary to set the horizontal sync signal pulse width and interval for writing to VRAM so that the horizontal
sync signal pulse width is less than the writing interval to VRAM.
*2: Applied when an external dot clock signal is input.
*3: Applied in interlaced display, when the EVEN signal is applied from an external source.
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Max
Horizontal sync signal rise time
tHR
HSYNC
500
ns
Horizontal sync signal fall time
tHF
500
ns
Vertical sync signal rise time
tVR
VSYNC
500
ns
Vertical sync signal fall time
tVF
500
ns
Horizontal sync signal pulse
width *1
tWH
HSYNC
18
Dot clock
6
µs
Vertical sync signal pulse width
tWV
VSYNC
220
H
Horizontal sync signal setup time
tDHST
HSYNC
6
ns
*2
Horizontal sync signal hold time
tDHHD
3
ns
*2
Vertical sync signal setup time
tHVST
VSYNC
41H
− 4
Dot clock
Vertical sync signal hold time
tHVHD
220
H
Vertical sync signal setup time
when field signal is generated
tEVST
VSYNC
18
Dot clock
*3
Vertical sync signal hold time
when field signal is generated
tEVHD
VSYNC
18
Dot clock
*3
tWV
tVF
tVR
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
VSYNC
tWH
tHF
tHR
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
HSYNC
•••• Vertical and horizontal sync signal input timing


Similar Part No. - MB90096

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90091 FUJITSU-MB90091 Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091A FUJITSU-MB90091A Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091AP FUJITSU-MB90091AP Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90091APF FUJITSU-MB90091APF Datasheet
406Kb / 46P
   Intelligent On-screen Display Controller (IOSDC)
MB90092 FUJITSU-MB90092 Datasheet
568Kb / 49P
   ON-Screen Display Controller (OSDC-360)
More results

Similar Description - MB90096

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com