Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC106ARX66DE Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC106ARX66DE
Description  PCI Bridge/Memory Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC106ARX66DE Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC106ARX66DE Datasheet HTML 7Page - Motorola, Inc MPC106ARX66DE Datasheet HTML 8Page - Motorola, Inc MPC106ARX66DE Datasheet HTML 9Page - Motorola, Inc MPC106ARX66DE Datasheet HTML 10Page - Motorola, Inc MPC106ARX66DE Datasheet HTML 11Page - Motorola, Inc MPC106ARX66DE Datasheet HTML 12Page - Motorola, Inc MPC106ARX66DE Datasheet HTML 13Page - Motorola, Inc MPC106ARX66DE Datasheet HTML 14Page - Motorola, Inc MPC106ARX66DE Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MPC106 PCI Bridge/Memory Controller Hardware Specifications
11
Electrical and Thermal Characteristics
Table 8. Output AC Timing Specifications
Num
Characteristic
66 MHz
83.3 MHz
Notes
Min
Max
Min
Max
12
SYSCLK to output driven (output
enable time)
2.0
2.0
1
13a
SYSCLK to output valid for TS and
ARTRY
7.0
6.0
2, 3, 4
13b
SYSCLK to output valid for all non-PCI
signals except TS, ARTRY, RAS[0–7],
CAS[0–7], and DWE[0-2]
7.0
6.0
2, 3, 5
14a
SYSCLK to output valid (for RAS[0–7]
and CAS[0–7])
7.0
6.0
2, 3
14b
SYSCLK to output valid for PCI signals
11.0
11.0
3, 6
15a
SYSCLK to output invalid for all
non-PCI signals (output hold)
1.0
1.0
7, 10
15b
SYSCLK to output invalid for PCI
signals (output hold)
1.0
1.0
7
18
SYSCLK to ARTRY high impedance
before precharge (output hold)
8.0
8.0
1
19
SYSCLK to ARTRY precharge enable
(0.4 *
tsysclk) + 2.0
(0.4 x
tsysclk) + 2.0
8, 1
21
SYSCLK to ARTRY high impedance
after precharge
(1.5 *
tsysclk) + 8.0
(1.5 x
tsysclk) + 8.0
8, 1
Notes:
1 These values are guaranteed by design and are not tested.
2 Output specifications are measured from 1.4 V on the rising edge of the appropriate clock to the TTL level (0.8
V or 2.0 V) of the signal in question. Both input and output timings are measured at the pin (see Figure 5).
3 The maximum timing specification assumes CL = 50 pF.
4 The shared outputs TS and ARTRY require pull-up resistors to hold them negated when there is no bus master
driving them.
5 When the 106 is configured for asynchronous L2 cache SRAMs, the DWE[0–2] signals have a maximum
SYSCLK to output valid time of (0.5 x tPROC) + 8.0 ns (where tPROC is the 60x bus clock cycle time).
6 PCI 3.3 V signaling environment signals are measured from 1.65 V (Vdd ÷ 2) on the rising edge of SYSCLK to
VOH = 3.0 V or VOL = 0.3 V.
7 The minimum timing specification assumes CL = 0 pF.
8 t
sysclk is the period of the external bus clock (SYSCLK) in nanoseconds (ns). When the unit is given as tsysclk the
numbers given in the table must be multiplied by the period of SYSCLK to compute the actual time duration (in
nanoseconds) of the parameter in question.
9 PCI devices which require more than the PCI-specified hold time of T
h = 0ns or systems where clock skew
approaches the PCI-specified allowance of 2ns may not work with the MPC106. For workarounds, see Motorola
application note Designing PCI 2.1-Compliant MPC106 Systems (order number AN1727/D).


Similar Part No. - MPC106ARX66DE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC106ARX66DE NXP-MPC106ARX66DE Datasheet
443Kb / 28P
   MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
More results

Similar Description - MPC106ARX66DE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC107A ATMEL-PC107A Datasheet
453Kb / 50P
   PCI Bridge Memory Controller
logo
NXP Semiconductors
MPC105 NXP-MPC105 Datasheet
422Kb / 24P
   MPC105 PCI Bridge/Memory Controller Hardware Specifications
5/95
MPC106EC NXP-MPC106EC Datasheet
443Kb / 28P
   MPC106 PCI Bridge/Memory Controller Hardware Specifications
Rev. 6
logo
Intel Corporation
82434LX INTEL-82434LX Datasheet
2Mb / 191P
   PCI, CACHE AND MEMORY CONTROLLER PCMC
logo
Texas Instruments
PCI2040 TI-PCI2040 Datasheet
308Kb / 79P
[Old version datasheet]   PCI2040 PCI-DSP Bridge controller
PCI2040PGE TI-PCI2040PGE Datasheet
292Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
PCI2040 TI1-PCI2040_06 Datasheet
319Kb / 78P
[Old version datasheet]   PCI2040 PCI-DSP Bridge Controller
logo
NXP Semiconductors
UCB1500 PHILIPS-UCB1500 Datasheet
1,001Kb / 58P
   PCI to AC97 bridge/host controller
Rev. 01 -4 February 2000
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com