Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4420DR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4420DR2
Description  6A High-Speed MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4420DR2 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4420DR2 Datasheet HTML 1Page - ON Semiconductor NCP4420DR2 Datasheet HTML 2Page - ON Semiconductor NCP4420DR2 Datasheet HTML 3Page - ON Semiconductor NCP4420DR2 Datasheet HTML 4Page - ON Semiconductor NCP4420DR2 Datasheet HTML 5Page - ON Semiconductor NCP4420DR2 Datasheet HTML 6Page - ON Semiconductor NCP4420DR2 Datasheet HTML 7Page - ON Semiconductor NCP4420DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP4420, NCP4429
http://onsemi.com
4
INPUT: 100 kHz, square wave,
tRISE = tFALL ≤ 10 nS
INPUT
NCP4429
VIL = 18 V
tD1
1
4
8
5
26
7
OUTPUT
CL = 2500 pF
1
µF
0.1
µF
0.1
µF
+5 V
INPUT
0 V
+18 V
OUTPUT
0 V
90%
10%
10%
90%
10%
90%
tF
tR
tD2
Figure 1. Switching Time Test Circuit
TYPICAL CHARACTERISTICS
VDD (V)
VDD (V)
CAPACITIVE LOAD (pF)
100
80
60
40
20
0
57
9
11
13
15
50
20
10
–60
–20
20
60
100
140
TA (°C)
1000
10,000
VDD = 5 V
CL = 2200 pF
VDD = 18 V
CL = 10,000 pF
tFALL
tRISE
120
100
80
60
40
20
0
57
9
11
13
15
30
40
0
100
80
60
40
20
10
CL = 4700 pF
CL = 220 pF
CL = 10,000 pF
CL = 4700 pF
CL = 220 pF
VDD = 12 V
VDD = 18 V
Figure 2. Rise Time vs. Supply Voltage
Figure 3. Fall Time vs. Supply Voltage
Figure 4. Rise and Fall Times vs. Temperature
Figure 5. Rise Time vs. Capacitive Load


Similar Part No. - NCP4420DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4421 ONSEMI-NCP4421 Datasheet
141Kb / 12P
   9.0 A High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
NCP4422 ONSEMI-NCP4422 Datasheet
141Kb / 12P
   9.0 A High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
NCP4423DWR2 ONSEMI-NCP4423DWR2 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
NCP4423P ONSEMI-NCP4423P Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
More results

Similar Description - NCP4420DR2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
   6A High Speed MOSFET Drivers
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
   6A, High Speed MOSFET Drivers
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
   6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
   6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
   6A High-Speed MOSFET Drivers
2005
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
   6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com