Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6302 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT6302
Description  VFD Driver/Controller IC with Character RAM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6302 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT6302 Datasheet HTML 1Page - Princeton Technology Corp PT6302 Datasheet HTML 2Page - Princeton Technology Corp PT6302 Datasheet HTML 3Page - Princeton Technology Corp PT6302 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel: 886-2-6626288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6302 v1.4
- 4 -
April, 2004
VFD Driver/Controller IC with Character RAM
PT6302
ORDERING INFORMATION
Order Part Number
Package Type
Top Code
PT6302LQ-001
64-pin LQFP
PT6302LQ-001
PT6302-R-001
64-pin SSOP
PT6302-R-001
PT6302LQ-002
64-pin LQFP
PT6302LQ-002
PT6302-R-002
64-pin SSOP
PT6302-R-002
PT6302-R-003
64-pin, SSOP
PT6302-R-003
PT6302LQ-003
64-pin, LQFP
PT6302LQ-003
PT6302-003-H
CIG
-
PT6302-R-004
64-pin, SSOP
PT6302-R-004
PT6302LQ-004
64-pin, LQFP
PT6302LQ-004
PT6302-R-005
64-pin, SSOP
PT6302-R-005
PT6302LQ-005
64-pin, LQFP
PT6302LQ-005
PT6302-R-006
64-pin, SSOP
PT6302-R-006
PT6302LQ-006
64-pin, LQFP
PT6302LQ-006
PT6302-007-H
CIG
-
PT6302LQ-001 (L)
64-pin LQFP
PT6302LQ-001
PT6302-R-001(L)
64-pin SSOP
PT6302-R-001
PT6302LQ-002 (L)
64-pin LQFP
PT6302LQ-002
PT6302-R-002 (L)
64-pin SSOP
PT6302-R-002
PT6302-R-003 (L)
64-pin, SSOP
PT6302-R-003
PT6302LQ-003 (L)
64-pin, LQFP
PT6302LQ-003
PT6302-R-004 (L)
64-pin, SSOP
PT6302-R-004
PT6302LQ-004 (L)
64-pin, LQFP
PT6302LQ-004
PT6302-R-005 (L)
64-pin, SSOP
PT6302-R-005
PT6302LQ-005 (L)
64-pin, LQFP
PT6302LQ-005
PT6302-R-006 (L)
64-pin, SSOP
PT6302-R-006
PT6302LQ-006 (L)
64-pin, LQFP
PT6302LQ-006
Notes:
1. (L) = Lead Free
2. The Lead Free mark is put in front of the date code.


Similar Part No. - PT6302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6302 TI-PT6302 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
logo
Princeton Technology Co...
PT6302 PTC-PT6302 Datasheet
1Mb / 27P
   VFD Driver/Controller IC with Character RAM
logo
Texas Instruments
PT6302A TI-PT6302A Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
PT6302A TI-PT6302A Datasheet
166Kb / 6P
[Old version datasheet]   3 Amp Adjustable Positive Step-down Integrated Switching Regulators
PT6302B TI-PT6302B Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results

Similar Description - PT6302

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6302 PTC-PT6302_10 Datasheet
1Mb / 27P
   VFD Driver/Controller IC with Character RAM
PT6314 PTC-PT6314 Datasheet
1Mb / 49P
   Dot Character VFD Controller/Driver IC
PT6314 PTC-PT6314_10 Datasheet
1Mb / 42P
   Dot Character VFD Controller/Driver IC
logo
Holtek Semiconductor In...
HT16514 HOLTEK-HT16514 Datasheet
659Kb / 39P
   Dot Character VFD Controller & Driver
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
   Dot Character VFD Controller & Driver
logo
NEC
UPD16314 NEC-UPD16314 Datasheet
312Kb / 8P
   DOT CHARACTER VFD CONTROLLER/DRIVER
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
   VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
   VFD Driver/Controller IC
V1.2
PT6311 PTC-PT6311_10 Datasheet
411Kb / 22P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com