Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT136S-500F Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BT136S-500F
Description  Triacs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT136S-500F Datasheet(HTML) 5 Page - NXP Semiconductors

  BT136S-500F Datasheet HTML 1Page - NXP Semiconductors BT136S-500F Datasheet HTML 2Page - NXP Semiconductors BT136S-500F Datasheet HTML 3Page - NXP Semiconductors BT136S-500F Datasheet HTML 4Page - NXP Semiconductors BT136S-500F Datasheet HTML 5Page - NXP Semiconductors BT136S-500F Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT136S series
BT136M series
MECHANICAL DATA
Dimensions in mm
Net Mass: 1.1 g
Fig.13. SOT428 : centre pin connected to tab.
MOUNTING INSTRUCTIONS
Dimensions in mm
Fig.14. SOT428 : minimum pad sizes for surface mounting.
Notes
1. Plastic meets UL94 V0 at 1/8".
6.22 max
2.38 max
0.93 max
6.73 max
0.3
10.4 max
0.5
0.8 max
(x2)
2.285 (x2)
0.5
seating plane
1.1
0.5 min
5.4
4 min
4.6
1
2
3
tab
7.0
7.0
2.15
2.5
4.57
1.5
October 1997
5
Rev 1.100


Similar Part No. - BT136S-500F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136S-500D PHILIPS-BT136S-500D Datasheet
50Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
logo
Kersemi Electronic Co.,...
BT136S-500D KERSEMI-BT136S-500D Datasheet
946Kb / 5P
   Glass passivated triacs in a plastic
logo
NXP Semiconductors
BT136S-500D PHILIPS-BT136S-500D Datasheet
54Kb / 6P
   Triacs logic level
July 1997 Rev 1.000
BT136S-500E PHILIPS-BT136S-500E Datasheet
49Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.100
logo
Kersemi Electronic Co.,...
BT136S-500E KERSEMI-BT136S-500E Datasheet
946Kb / 5P
   Glass passivated triacs in a plastic
More results

Similar Description - BT136S-500F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com