Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN202 Datasheet(PDF) 10 Page - Harris Corporation

Part # HIN202
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HIN202 Datasheet(HTML) 10 Page - Harris Corporation

Back Button HIN202 Datasheet HTML 6Page - Harris Corporation HIN202 Datasheet HTML 7Page - Harris Corporation HIN202 Datasheet HTML 8Page - Harris Corporation HIN202 Datasheet HTML 9Page - Harris Corporation HIN202 Datasheet HTML 10Page - Harris Corporation HIN202 Datasheet HTML 11Page - Harris Corporation HIN202 Datasheet HTML 12Page - Harris Corporation HIN202 Datasheet HTML 13Page - Harris Corporation HIN202 Datasheet HTML 14Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8-12
Receiver Input High Threshold, VIN (L-H)
VCC = 5V,
TA = 25
oC
Active Mode
-
1.7
2.4
V
Shutdown Mode
HIN213 R4 and R5
-
1.5
2.4
V
Receiver Input Hysteresis, VHYST
VCC = 5V
No Hysteresis in Shutdown Mode
0.2
0.5
1.0
V
TTL/CMOS Receiver Output Voltage Low, VOL
IOUT = 1.6mA
(HIN201-HIN203, IOUT = 3.2mA)
-
0.1
0.4
V
TTL/CMOS Receiver Output Voltage High, VOH
IOUT = -1mA
3.5
4.6
-
V
Output Enable Time, tEN
HIN205, HIN206, HIN209, HIN211, HIN213
-
400
-
ns
Output Disable Time, tDIS
HIN205, HIN206, HIN209, HIN211, HIN213
-
200
-
ns
Transmit, Receive Propagation Delay, tPD
HIN213 SD = 0V, R4, R5
-
0.5
40
µs
HIN213 SD = VCC, R1 - R5
-
0.5
10
µs
HIN200 - HIN211
-
0.5
10
µs
Transmit Transition Region Slew Rate, SRT
RL = 3kΩ,
CL = 2500pF
Measured from
+3V to -3V or
-3V to +3V
(Note 1)
HIN200, HIN204 to
HIN211, HIN213
3
-
30
V/
µs
HIN201, HIN202,
HIN203
3
-
30
V/
µs
Output Resistance, ROUT
VCC = V+ = V- = 0V, VOUT = ±2V
300
-
-
RS-232 Output Short Circuit Current, ISC
TOUT Shorted to GND
-
±10
-
mA
TTL/CMOS Receiver Output Leakage
EN = VCC, EN = 0, 0V < ROUT < VCC
-
0.05
±10
µA
NOTE:
1. Guaranteed by design.
Electrical Specifications
Test Conditions: VCC = +5V ±10%, (VCC = +5V ±5% HIN200, HIN203, HIN205, HIN207); V+ = 9V to
13.2V, HIN201 and HIN209), C1-C4 = 0.1
µF; TA = Operating Temperature Range (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
+
-
C1
+
-
C3
+
-
C2
+
-
C4
S1
S2
S5
S6
S3
S4
S7
S8
VCC
GND
RC
OSCILLATOR
VCC
GND
V+ = 2VCC
GND
V
- = - (V+)
C1+
C1
-
C2
-
C2+
VOLTAGE INVERTER
VOLTAGE DOUBLER
FIGURE 1. CHARGE PUMP
HIN200 thru HIN213


Similar Part No. - HIN202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202 Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN202

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com