Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6208HLP-45 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HM6208HLP-45
Description  65,536-word4-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6208HLP-45 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HM6208HLP-45 Datasheet HTML 1Page - Hitachi Semiconductor HM6208HLP-45 Datasheet HTML 2Page - Hitachi Semiconductor HM6208HLP-45 Datasheet HTML 3Page - Hitachi Semiconductor HM6208HLP-45 Datasheet HTML 4Page - Hitachi Semiconductor HM6208HLP-45 Datasheet HTML 5Page - Hitachi Semiconductor HM6208HLP-45 Datasheet HTML 6Page - Hitachi Semiconductor HM6208HLP-45 Datasheet HTML 7Page - Hitachi Semiconductor HM6208HLP-45 Datasheet HTML 8Page - Hitachi Semiconductor HM6208HLP-45 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HM6208H Series
3
Block Diagram
A13
VCC
VSS
Memory array
256
× 1024
Row
decoder
Input
data
control
Column I/O
Column decoder
I/O1
I/O2
I/O3
I/O4
CS
WE
A14
A15
A0
A1
A2
A3
A4
A5
A12 A11 A10 A9 A8 A7 A6
Truth Table
CS
WE
Mode
V
CC Current
I/O Pin
Ref. Cycle
H
×
Not selected
I
SB, I SB1
High-Z
L
H
Read
I
CC
Dout
Read cycle
L
L
Write
I
CC
Din
Write cycle
Note:
×: Don’t care.
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage on any pin relative to V
SS
Vin
–0.5
*1 to +7.0
V
Power dissipation
P
T
1.0
W
Operating temperature range
Topr
0 to +70
°C
Storage temperature range
Tstg
–55 to +125
°C
Storage temperature range under bias
Tbias
–10 to +85
°C
Note:
1. Vin min = –2.5 V for pulse widths
≤ 10 ns.


Similar Part No. - HM6208HLP-45

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6208 HMSEMI-HM6208 Datasheet
965Kb / 5P
   Motor drive series
HM6208L HMSEMI-HM6208L Datasheet
559Kb / 5P
   2.0-7.0V 1.0A single channel H-bridge driver
HM6208MR HMSEMI-HM6208MR Datasheet
577Kb / 5P
   2.0-7.0V 1.0A single channel H-bridge driver
More results

Similar Description - HM6208HLP-45

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
   65,536 WORD x 4 BIT CMOS STATIC RAM
TC55464AP TOSHIBA-TC55464AP Datasheet
159Kb / 7P
   65,536 WORD x 4 BIT CMOS STATIC RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55V1664FT-12 TOSHIBA-TC55V1664FT-12 Datasheet
429Kb / 9P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
TC55V1664J-12 TOSHIBA-TC55V1664J-12 Datasheet
426Kb / 9P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V1864J TOSHIBA-TC55V1864J_V01 Datasheet
412Kb / 7P
   65,536 WORD x 18 BIT CMOS STATIC RAM
TC551664AJ TOSHIBA-TC551664AJ Datasheet
430Kb / 8P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com