Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM6208HJP-25 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HM6208HJP-25
Description  65,536-word4-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM6208HJP-25 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HM6208HJP-25 Datasheet HTML 3Page - Hitachi Semiconductor HM6208HJP-25 Datasheet HTML 4Page - Hitachi Semiconductor HM6208HJP-25 Datasheet HTML 5Page - Hitachi Semiconductor HM6208HJP-25 Datasheet HTML 6Page - Hitachi Semiconductor HM6208HJP-25 Datasheet HTML 7Page - Hitachi Semiconductor HM6208HJP-25 Datasheet HTML 8Page - Hitachi Semiconductor HM6208HJP-25 Datasheet HTML 9Page - Hitachi Semiconductor HM6208HJP-25 Datasheet HTML 10Page - Hitachi Semiconductor HM6208HJP-25 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HM6208H Series
11
Package Dimensions
HM6208HP/HLP Series (DP-24NC)
Unit: mm
7.62
0.25
+ 0.11
– 0.05
2.54 ± 0.25
0.48 ± 0.10
1.30
1
12
13
24
29.88
30.48 Max
1.14
0° – 15°
1.27 Max
HM6208HJP/HLJP Series (CP-24D)
Unit: mm
15.63
16.00 Max
0.74
6.76
24
13
1
12
0.43 ± 0.10
+ 0.35
– 0.16
1.30 Max
0.10
1.27


Similar Part No. - HM6208HJP-25

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6208 HMSEMI-HM6208 Datasheet
965Kb / 5P
   Motor drive series
HM6208L HMSEMI-HM6208L Datasheet
559Kb / 5P
   2.0-7.0V 1.0A single channel H-bridge driver
HM6208MR HMSEMI-HM6208MR Datasheet
577Kb / 5P
   2.0-7.0V 1.0A single channel H-bridge driver
More results

Similar Description - HM6208HJP-25

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
   65,536 WORD x 4 BIT CMOS STATIC RAM
TC55464AP TOSHIBA-TC55464AP Datasheet
159Kb / 7P
   65,536 WORD x 4 BIT CMOS STATIC RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55V1664FT-12 TOSHIBA-TC55V1664FT-12 Datasheet
429Kb / 9P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
TC55V1664J-12 TOSHIBA-TC55V1664J-12 Datasheet
426Kb / 9P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
TC5561P TOSHIBA-TC5561P Datasheet
616Kb / 6P
   65,536 WORD X 1 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V1864J TOSHIBA-TC55V1864J_V01 Datasheet
412Kb / 7P
   65,536 WORD x 18 BIT CMOS STATIC RAM
TC551664AJ TOSHIBA-TC551664AJ Datasheet
430Kb / 8P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com