Selected language     English  ▼


LT1055 Datasheet(PDF) 3 Page - Linear Technology

Part No. LT1055
Description  Precision, High Speed, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

 
 3 page
background image
3
LT1055/LT1056
LT1055AM
LT1055M
LT1056AM
LT1056M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note1)
LT1055
q
180
500
250
1200
µV
LT1056
q
180
550
250
1250
µV
Average Temperature
(Note 5)
q
1.3
4.0
1.8
8.0
µV/°C
Coefficient of Input Offset
Voltage
IOS
Input Offset Current
Warmed Up
LT1055
q
0.20
1.2
0.25
1.8
nA
TA = 125°C
LT1056
q
0.25
1.5
0.30
2.4
nA
IB
Input Bias Current
Warmed Up
LT1055
q
±0.4
±2.5
±0.5
±4.0
nA
TA = 125°C
LT1056
q
±0.5
±3.0
±0.6
±5.0
nA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
q
40
120
35
120
V/mV
CMRR
Common-Mode Rejection Ratio
VCM = ±10.5V
q
85
100
—8298
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±17V
q
88
104
86
102
dB
VOUT
Output Voltage Swing
RL = 2k
q
±12
±12.9
±12
±12.9
V
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note1)
LT1055 H Package
q
100
330
140
750
µV
LT1056 H Package
q
100
360
140
800
µV
LT1055 N8 Package
q
250
1250
µV
LT1056 N8 Package
q
280
1350
µV
Average Temperature
H Package (Note 5)
q
1.2
4.0
1.6
8.0
µV/°C
Coefficient of Input Offset
N8 Package (Note 5)
q
3.0
12.0
µV/°C
Voltage
IOS
Input Offset Current
Warmed Up
LT1055
q
—10
50
1680
pA
TA = 70°C
LT1056
q
14
70—18
100
pA
IB
Input Bias Current
Warmed Up
LT1055
q
±30
±150
±40
±200
pA
TA = 70°C
LT1056
q
±40
±80
±50
±240
pA
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL = 2k
q
80
250
60
250
V/mV
CMRR
Common-Mode Rejection Ratio
VCm = ±10.5V
q
85
100
—8298
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
q
89
105
87
103
dB
VOUT
Output Voltage Swing
RL = 2k
q
±12
±13.1
±12
±13.1
V
LT1055AC
LT1056AC
VS = ±15V, VCM = 0V, –55°C ≤ TA ≤ 125°C unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
For MIL-STD components, please refer to LTC883 data sheet for test
listing and parameters.
Note 1: Offset voltage is measured under two different conditions:
(a) approximately 0.5 seconds after application of power; (b) at TA = 25°C
only, with the chip heated to approximately 38
°C for the LT1055 and to
45
°C for the LT1056, to account for chip temperature rise when the device
is fully warmed up.
Note 2: 10Hz noise voltage density is sample tested on every lot of A
grades. Devices 100% tested at 10Hz are available on request.
Note 3: This parameter is tested on a sample basis only.
Note 4: Current noise is calculated from the formula: in = (2qlB)
1/2, where
q = 1.6
× 10–19 coulomb. The noise of source resistors up to 1GΩ
swamps the contribution of current noise.
Note 5: Offset voltage drift with temperature is practically unchanged when
the offset voltage is trimmed to zero with a 100k potentiometer between
the balance terminals and the wiper tied to V+. Devices tested to tighter
drift specifications are available on request.
LT1055CH/LT1056CH
LT1055CN8/LT1056CN8
VS = ±15V, VCM = 0V, 0°C ≤ TA ≤ 70°C unless otherwise noted.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LF355BSeries Monolithic JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
ADA4000-1Low Cost Precision JFET Input Operational Amplifier in TSOT 1 2 3 4 5 MoreAnalog Devices
CA3410Quad BiMOS Operational Amplifiers With MOSFET Input Bipolar Output 1 2 3 4 5 MoreHarris Corporation
AD8224Precision Dual-Channel JFET Input Rail-to-Rail Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
IS354HIGH DENSITY MOUNTING AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AD5744RComplete Quad 14-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
AD8143High Speed Triple Differential Receiver with Comparators 1 2 3 4 5 MoreAnalog Devices
MP8830Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References 1 2 3 4 5 MoreExar Corporation
PS2505-1XHIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 ISOCOM COMPONENTS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl