Selected language     English  ▼


LT1055 Datasheet(PDF) 5 Page - Linear Technology

Part No. LT1055
Description  Precision, High Speed, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

 
 5 page
background image
5
LT1055/LT1056
AV = 1, CL = 100pF, 0.5µs/DIV
LT1056 Large-Signal Response
TYPICAL PERFORMANCE CHARACTERISTICS
LT1055/56 G10
LT1055/56 G12
AV = 1, CL = 100pF, 0.5µs/DIV
Undistorted Output Swing vs
Frequency
Output Impedence vs Frequency
FREQUENCY (kHz)
1
0.1
1
10
100
10
100
1000
LT1055/56 G15
VS = ±15V
TA = 25°C
AV = 100
LT1055
LT1056
LT1055
LT1056
LT1056
AV = 10
LT1055
AV = 1
Gain vs Frequency
FREQUENCY (Hz)
1
60
80
100
100M
LT1055/56 G16
40
20
–20
100
10k
1M
0
140
120
10
1k
100k
10M
VS = ±15V
TA = 25°C
LT1055
LT1056
TEMPERATURE (°C)
–25
10
100
30
1000
300
25
75
LT1055/56 G18
–75
125
RL = 1k
RL = 2k
VS = ±15V
VO = ±10V
Voltage Gain vs Temperature
FREQUENCY (MHz)
0.1
0
6
12
18
24
110
LT1055/56 G13
30
LT1055
LT1056
VS = ±15V
TA = 25°C
FREQUENCY (MHz)
1
10
10
LT1055/56 G17
0
–10
2
4
20
100
120
140
160
6
8
VS = ±15V
TA = 25°C
PHASE
GAIN
LT1055
LT1056
LT1055
LT1056
Small-Signal Response
AV = 1, CL = 100pF, 0.2µs/DIV
LT1055/56 G11
Slew Rate, Gain-Bandwidth vs
Temperature
Gain, Phase Shift vs Frequency
TEMPERATURE (˚C)
20
30
25
75
LT1055/56 G14
10
–25
125
0
10
8
6
4
2
VS = ±15V
f0 = 1MHz FOR GBW
LT1056 GBW
LT1055 GBW
LT1055 SLEW
LT1056 SLEW
LT1055 Large-Signal Response




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LF355BSeries Monolithic JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
ADA4000-1Low Cost Precision JFET Input Operational Amplifier in TSOT 1 2 3 4 5 MoreAnalog Devices
CA3410Quad BiMOS Operational Amplifiers With MOSFET Input Bipolar Output 1 2 3 4 5 MoreHarris Corporation
AD8224Precision Dual-Channel JFET Input Rail-to-Rail Instrumentation Amplifier 1 2 3 4 5 MoreAnalog Devices
IS354HIGH DENSITY MOUNTING AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AD5744RComplete Quad 14-Bit High Accuracy Serial Input Bipolar Voltage Output DAC 1 2 3 4 5 MoreAnalog Devices
AD8143High Speed Triple Differential Receiver with Comparators 1 2 3 4 5 MoreAnalog Devices
MP8830Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References 1 2 3 4 5 MoreExar Corporation
PS2505-1XHIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 ISOCOM COMPONENTS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl